Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB525SP Datasheet(PDF) 14 Page - STMicroelectronics

Part # VB525SP
Description  High voltage ignition coil driver power integrated circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB525SP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VB525SP Datasheet HTML 10Page - STMicroelectronics VB525SP Datasheet HTML 11Page - STMicroelectronics VB525SP Datasheet HTML 12Page - STMicroelectronics VB525SP Datasheet HTML 13Page - STMicroelectronics VB525SP Datasheet HTML 14Page - STMicroelectronics VB525SP Datasheet HTML 15Page - STMicroelectronics VB525SP Datasheet HTML 16Page - STMicroelectronics VB525SP Datasheet HTML 17Page - STMicroelectronics VB525SP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application schematic
VB525SP-E
14/19
Doc ID 18022 Rev 2
4.3
Overvoltage
The VB525SP-E can withstand the following transients of the battery line:
●
-100 V / 2 msec (Ri =10 Ω)
●
+100 V / 0.2 msec (Ri =10 Ω)
●
+50 V / 400 msec (Ri =4.2 Ω, with VIN =3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com