Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB525SP Datasheet(PDF) 15 Page - STMicroelectronics

Part # VB525SP
Description  High voltage ignition coil driver power integrated circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB525SP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VB525SP Datasheet HTML 11Page - STMicroelectronics VB525SP Datasheet HTML 12Page - STMicroelectronics VB525SP Datasheet HTML 13Page - STMicroelectronics VB525SP Datasheet HTML 14Page - STMicroelectronics VB525SP Datasheet HTML 15Page - STMicroelectronics VB525SP Datasheet HTML 16Page - STMicroelectronics VB525SP Datasheet HTML 17Page - STMicroelectronics VB525SP Datasheet HTML 18Page - STMicroelectronics VB525SP Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
VB525SP-E
Package information
Doc ID 18022 Rev 2
15/19
5
Package information
5.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.2
PowerSO-10 mechanical data
Figure 9.
PowerSO-10 package dimensions
DETAIL "A"
PLANE
SEATING
α
L
A1
F
A1
h
A
D
D1
=
=
=
=
E4
0.10 A
C
A
B
B
DETAIL "A"
SEATING
PLANE
E2
10
1
eB
HE
0.25
P095A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com