Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB525SP Datasheet(PDF) 17 Page - STMicroelectronics

Part # VB525SP
Description  High voltage ignition coil driver power integrated circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB525SP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VB525SP Datasheet HTML 11Page - STMicroelectronics VB525SP Datasheet HTML 12Page - STMicroelectronics VB525SP Datasheet HTML 13Page - STMicroelectronics VB525SP Datasheet HTML 14Page - STMicroelectronics VB525SP Datasheet HTML 15Page - STMicroelectronics VB525SP Datasheet HTML 16Page - STMicroelectronics VB525SP Datasheet HTML 17Page - STMicroelectronics VB525SP Datasheet HTML 18Page - STMicroelectronics VB525SP Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
VB525SP-E
Package information
Doc ID 18022 Rev 2
17/19
5.3
Packing information
Figure 10. PowerSO-10 suggested pad layout and tube shipment (no suffix)
Figure 11. PowerSO-10 tape and reel shipment (suffix “TR”)
6.30
10.8- 11
14.6- 14.9
9.5
1
2
3
4
5
1.27
0.67- 0.73
0.54- 0.6
10
9
8
7
6
B
A
C
C
A
B
MUAR
CASABLANCA
All dimensions are in mm.
Base Q.ty Bulk Q.ty Tube length (± 0.5) A
B
C (±
0.1)
Casablanca
50
1000
532
10.4 16.4
0.8
Muar
50
1000
532
4.9 17.2
0.8
REEL DIMENSIONS
All dimensions are in mm.
Base Q.ty
600
Bulk Q.ty
600
A (max)
330
B (min)
1.5
C (± 0.2)
13
F
20.2
G (+ 2 / -0)
24.4
N (min)
60
T (max)
30.4
TAPE DIMENSIONS
According to Electronic Industries Association
(EIA) Standard 481 rev. A, Feb. 1986
All dimensions are in mm.
Tape width
W
24
Tape Hole Spacing
P0 (± 0.1)
4
Component Spacing
P
24
Hole Diameter
D (± 0.1/-0)
1.5
Hole Diameter
D1 (min)
1.5
Hole Position
F (± 0.05)
11.5
Compartment Depth
K (max)
6.5
Hole Spacing
P1 (± 0.1)
2
Top
cover
tape
End
Start
No components
No components
Components
500mm min
500mm min
Empty components pockets
saled with cover tape.
User direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com