Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB525SP Datasheet(PDF) 16 Page - STMicroelectronics

Part # VB525SP
Description  High voltage ignition coil driver power integrated circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB525SP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VB525SP Datasheet HTML 11Page - STMicroelectronics VB525SP Datasheet HTML 12Page - STMicroelectronics VB525SP Datasheet HTML 13Page - STMicroelectronics VB525SP Datasheet HTML 14Page - STMicroelectronics VB525SP Datasheet HTML 15Page - STMicroelectronics VB525SP Datasheet HTML 16Page - STMicroelectronics VB525SP Datasheet HTML 17Page - STMicroelectronics VB525SP Datasheet HTML 18Page - STMicroelectronics VB525SP Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package information
VB525SP-E
16/19
Doc ID 18022 Rev 2
Table 6.
PowerSO-10 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
3.35
3.65
A(1)
1.
Muar only POA P013P.
3.4
3.6
A1
0.00
0.10
B
0.40
0.60
B(1)
0.37
0.53
C
0.35
0.55
C(1)
0.23
0.32
D
9.40
9.60
D1(2)
2.
Resin protrusion not included (max value: 0.20 mm per side).
7.40
7.60
E(2)
9.30
9.50
E2
7.20
7.60
E2(1)
7.30
7.50
E4
5.90
6.10
E4(1)
5.90
6.30
e1.27
F
1.25
1.35
F(1)
1.20
1.40
H
13.80
14.40
H(1)
13.85
14.35
h0.50
L
1.20
1.80
L(1)
0.80
1.10
α
0º
8º
α(1)
2º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com