Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4955 Datasheet(PDF) 4 Page - NEC

Part # 2SC4955
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4955 Datasheet(HTML) 4 Page - NEC

  2SC4955 Datasheet HTML 1Page - NEC 2SC4955 Datasheet HTML 2Page - NEC 2SC4955 Datasheet HTML 3Page - NEC 2SC4955 Datasheet HTML 4Page - NEC 2SC4955 Datasheet HTML 5Page - NEC 2SC4955 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC4955
4
S-PARAMETER
(VCE = 3 V, IC = 1 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.9400
–15.3
3.4560
165.0
0.0420
76.0
0.9780
–8.7
0.400
0.8770
–29.0
3.1870
149.2
0.0800
71.7
0.9490
–16.0
0.600
0.8020
–43.6
3.0390
136.4
0.1140
63.8
0.8910
–23.4
0.800
0.7030
–55.3
2.8000
123.9
0.1340
56.7
0.8280
–29.1
1.000
0.6240
–67.2
2.5890
113.1
0.1520
52.2
0.7630
–33.7
1.200
0.5570
–79.0
2.4320
102.9
0.1690
49.0
0.7170
–37.9
1.400
0.4670
–89.9
2.2140
94.7
0.1810
45.6
0.6940
–41.8
1.600
0.4130
–99.8
2.0430
86.9
0.1880
45.2
0.6450
–43.9
1.800
0.3680
–108.1
1.8790
79.0
0.1910
43.0
0.6050
–46.2
2.000
0.3140
–120.9
1.7720
73.0
0.1990
44.3
0.5860
–50.5
2.200
0.2690
–137.1
1.7010
66.9
0.2140
45.9
0.5600
–53.7
2.400
0.2740
–147.6
1.6030
61.4
0.2170
44.2
0.5520
–54.5
2.600
0.2530
–157.0
1.5010
57.1
0.2270
46.9
0.5260
–58.3
2.800
0.2200
–175.7
1.4330
51.6
0.2460
46.7
0.5160
–61.4
3.000
0.2130
173.7
1.3860
47.5
0.2500
48.9
0.4870
–64.7
(VCE = 3 V, IC = 3 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.8160
–24.9
8.5180
154.3
0.0410
77.4
0.9240
–14.9
0.400
0.6610
–42.6
6.9310
133.1
0.0680
67.4
0.8190
–24.8
0.600
0.5300
–58.7
5.7770
118.4
0.0900
64.1
0.7120
–31.7
0.800
0.4090
–69.1
4.8150
106.7
0.1070
61.2
0.6430
–34.3
1.000
0.3280
–79.6
4.1130
97.3
0.1250
62.3
0.5820
–36.7
1.200
0.2670
–88.9
3.6270
89.7
0.1440
58.4
0.5300
–38.1
1.400
0.2080
–98.5
3.1680
83.4
0.1570
57.1
0.5100
–40.9
1.600
0.1800
–108.0
2.8600
77.1
0.1680
58.4
0.4870
–41.6
1.800
0.1300
–112.7
2.5690
71.9
0.1870
57.7
0.4550
–42.6
2.000
0.0970
–132.3
2.3660
66.9
0.2030
56.7
0.4490
–45.7
2.200
0.0830
–156.8
2.2340
62.7
0.2230
55.3
0.4250
–50.3
2.400
0.1010
–167.1
2.0840
57.4
0.2450
56.3
0.4270
–48.0
2.600
0.0840
169.7
1.9230
54.3
0.2540
56.5
0.4120
–55.0
2.800
0.0950
156.3
1.8400
49.5
0.2760
54.9
0.3850
–58.0
3.000
0.1010
126.6
1.7450
46.5
0.2930
52.0
0.3650
–59.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com