Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4955 Datasheet(PDF) 5 Page - NEC

Part # 2SC4955
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4955 Datasheet(HTML) 5 Page - NEC

  2SC4955 Datasheet HTML 1Page - NEC 2SC4955 Datasheet HTML 2Page - NEC 2SC4955 Datasheet HTML 3Page - NEC 2SC4955 Datasheet HTML 4Page - NEC 2SC4955 Datasheet HTML 5Page - NEC 2SC4955 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC4955
5
S-PARAMETER
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.7170
–30.9
11.5670
147.4
0.0340
77.4
0.8840
–18.6
0.400
0.5230
–48.6
8.6210
124.7
0.0630
68.1
0.7490
–28.2
0.600
0.4020
–64.1
6.7610
110.7
0.0840
67.1
0.6190
–32.6
0.800
0.2860
–71.9
5.4360
100.2
0.0970
62.7
0.5560
–34.2
1.000
0.2270
–77.9
4.5550
91.8
0.1110
65.0
0.5030
–35.0
1.200
0.1830
–85.3
3.9560
85.3
0.1380
63.9
0.4750
–36.8
1.400
0.1280
–95.6
3.4140
79.5
0.1600
62.8
0.4630
–38.5
1.600
0.1080
–105.1
3.0630
74.3
0.1800
62.2
0.4440
–38.5
1.800
0.0680
–113.1
2.7510
69.4
0.1920
61.5
0.4240
–38.5
2.000
0.0370
–131.4
2.5150
64.9
0.2190
60.4
0.4100
–44.3
2.200
0.0410
171.2
2.3620
60.5
0.2310
59.8
0.3850
–49.2
2.400
0.0480
170.0
2.2000
56.8
0.2460
57.9
0.3960
–45.0
2.600
0.0540
146.9
2.0470
53.7
0.2700
56.4
0.3650
–54.6
2.800
0.0760
127.6
1.9320
49.2
0.2980
56.3
0.3790
–55.9
3.000
0.0900
111.8
1.8520
45.8
0.3190
52.5
0.3160
–61.2
(VCE = 3 V, IC = 10 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.542
–38.9
15.738
136.5
0.035
73.8
0.789
–22.9
0.400
0.348
–53.6
10.350
114.2
0.058
66.8
0.626
–29.9
0.600
0.247
–62.6
7.604
102.2
0.075
70.8
0.529
–31.7
0.800
0.168
–70.7
5.939
93.4
0.094
69.1
0.474
–30.9
1.000
0.120
–73.9
4.899
86.4
0.106
69.3
0.457
–31.3
1.200
0.091
–79.6
4.218
81.0
0.138
68.3
0.427
–33.1
1.400
0.060
–85.7
3.615
76.0
0.160
66.9
0.407
–34.6
1.600
0.041
–97.8
3.244
71.5
0.179
65.2
0.408
–35.2
1.800
0.016
–68.1
2.884
66.9
0.200
66.8
0.383
–38.5
2.000
0.017
54.7
2.625
63.0
0.217
62.8
0.375
–39.4
2.200
0.040
109.0
2.480
59.0
0.238
62.1
0.361
–45.8
2.400
0.053
114.8
2.291
55.5
0.262
58.2
0.356
–42.6
2.600
0.054
97.4
2.139
52.6
0.289
59.3
0.337
–51.4
2.800
0.084
99.5
1.995
47.9
0.292
54.8
0.326
–49.9
3.000
0.108
87.6
1.917
45.4
0.331
54.4
0.274
–58.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com