Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4955 Datasheet(PDF) 2 Page - NEC

Part # 2SC4955
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4955 Datasheet(HTML) 2 Page - NEC

  2SC4955 Datasheet HTML 1Page - NEC 2SC4955 Datasheet HTML 2Page - NEC 2SC4955 Datasheet HTML 3Page - NEC 2SC4955 Datasheet HTML 4Page - NEC 2SC4955 Datasheet HTML 5Page - NEC 2SC4955 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC4955
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
µAVCB = 5 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
µAVEB = 1 V, IC = 0
DC Current Gain
hFE
75
150
VCB = 3 V, IC = 10 mA*1
Gain Bandwidth Product
fT
12
GHz
VCE = 3 V, IC = 10 mA
Feed-back Capacitance
Cre
0.4
0.7
pF
VCB = 3 V, IE = 0, f = 1 MHz*2
Insertion Gain
|S21e|2
7
8.5
dB
VCE = 3 V, IC = 10 mA,f = 2.0 GHz
Noise Figure
NF
1.5
2.5
dB
VCE = 3 V, IC = 3 mA,f = 2.0 GHz
*1 Pulse Measurement; PW
≤ 350
µs, Duty Cycle ≤ 2 % Pulsed.
*2 Measured with 3 terminals bridge, Emitter and Case should be grounded.
hFE Classification
Rank
T83
Marking
T83
hFE
75 to 150
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
50
200
100
0
50
100
150
40
30
20
10
0
0.5
1.0
VCE = 3 V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE - Base to Emitter Voltage - V
180 mW
Free Air



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com