Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4955 Datasheet(PDF) 1 Page - NEC

Part # 2SC4955
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4955 Datasheet(HTML) 1 Page - NEC

  2SC4955 Datasheet HTML 1Page - NEC 2SC4955 Datasheet HTML 2Page - NEC 2SC4955 Datasheet HTML 3Page - NEC 2SC4955 Datasheet HTML 4Page - NEC 2SC4955 Datasheet HTML 5Page - NEC 2SC4955 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©
1993
DATA SHEET
SILICON TRANSISTOR
Document No. P10377EJ2V0DS00 (2nd edition)
(Previous No. TD-2406)
Date Published July 1995 P
Printed in Japan
2SC4955
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
MINI MOLD
FEATURES
•
Low Noise, High Gain
•
Low Voltage Operation
•
Low Feedback Capacitance
Cre = 0.4 pF TYP.
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC4955-T1
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin3 (Collector) face to perforation
side of the tape.
2SC4955-T2
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin1 (Emitter), Pin2 (Base) face to
perforation side of the tape.
*
Please contact with responsible NEC person, if you evaluation
sample. Unit sample quantity shall be 50 pcs.
(Part No.: 2SC4955)
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
PT
180
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–64 to +150
˚C
PACKAGE DIMENSIONS
in millimeters
1.5
2.8±0.2
0.65 –0.15
+0.1
3
2
1
Marking
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector


Similar Part No. - 2SC4955

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4953 PANASONIC-2SC4953 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
logo
Inchange Semiconductor ...
2SC4953 ISC-2SC4953 Datasheet
277Kb / 2P
isc Silicon NPN Power Transistor
logo
NEC
2SC4954 NEC-2SC4954 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Renesas Technology Corp
2SC4954 RENESAS-2SC4954 Datasheet
200Kb / 9P
SILICON TRANSISTOR
2001
logo
NEC
2SC4954-T1 NEC-2SC4954-T1 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
More results

Similar Description - 2SC4955

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4227 NEC-2SC4227 Datasheet
50Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4228 NEC-2SC4228 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4954 NEC-2SC4954 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com