Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4280 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP4280
Description  75  SPDT CATV CMOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4280 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP4280 Datasheet HTML 1Page - SIPAT Co,Ltd SP4280 Datasheet HTML 2Page - SIPAT Co,Ltd SP4280 Datasheet HTML 3Page - SIPAT Co,Ltd SP4280 Datasheet HTML 4Page - SIPAT Co,Ltd SP4280 Datasheet HTML 5Page - SIPAT Co,Ltd SP4280 Datasheet HTML 6Page - SIPAT Co,Ltd SP4280 Datasheet HTML 7Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
Figure 2. Package Type
RFC
RF1
RF2
C1
75
75
75
C2
CMOS
Control
Driver
The SP4280 is an CMOS Switch designed for CATV
applications, covering a broad frequency range from DC up to
2.2 GHz. This single-supply SPDT switch integrates a two-pin
CMOS control interface. It also provides low insertion loss with
extremely low bias requirements while operating on a single 3 V
supply. In a typical CATV application, the SP4280 provides for
a cost effective and manufacturable solution when compared to
mechanical relays.
The SP4280 is manufactured on SIPAT’s CMOS
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance of
GaAs with the economy and integration of conventional CMOS.
Product Specification
75
SPDT CATV CMOS
Switch 5 MHz - 2.2 GHz
Product Description
Figure 1. Functional Diagram
SP4280
Features
• 75
characteristic impedance
• Integrated 75
terminations
• CTB performance of 85 dBc
• High isolation 60 dB at 1 GHz
• Low insertion loss: typically 0.5 dB at
5 MHz, 1.1 dB at 1 GHz
• High input IP3: 50 dBm
• CMOS two-pin control
• Single +3 V supply operation
• Low current consumption: 8 µA
• Unique all off terminated mode
• 4x4 mm QFN package
Table 1. Electrical Specifications @ +25 °C (ZS = ZL = 75
)
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Frequency1
5
2200
MHz
Insertion Loss
5 MHz – 250 MHz
250 MHz – 750 MHz
750 MHz – 1000 MHz
1000 MHz – 2200 MHz
0.5
0.8
0.9
1.1
0.6
0.95
1.1
1.3
dB
Isolation
5 MHz – 250 MHz
250 MHz – 750 MHz
750 MHz – 1000 MHz
1000 MHz – 2200 MHz
67
60
57
44
72
65
60
47
dB
Input IP22
5 MHz - 1000 MHz
75
dBm
Input IP32
5 MHz - 1000 MHz
50
50
dBm
Input 1dB Compression2
1000 MHz
29
26
dBm
CTB / CSO
77 & 110 channels;
Power Out = 44 dBmV
-85
dBc
Switching Time
50% CTRL to 10/90 RF
2
µs
Video Feedthrough3
5 MHz - 1000 MHz
15
mVpp
Notes:
1. Device linearity will begin to degrade below 5 MHz.
2. Measured in a 50
system.
3. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth
20-lead 4x4 mm QFN
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP4280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP42 ETC-SP42 Datasheet
80Kb / 1P
SMD Power Inductors
SP42-100M ETC-SP42-100M Datasheet
80Kb / 1P
SMD Power Inductors
SP42-101K ETC-SP42-101K Datasheet
80Kb / 1P
SMD Power Inductors
SP42-151K ETC-SP42-151K Datasheet
80Kb / 1P
SMD Power Inductors
SP42-220K ETC-SP42-220K Datasheet
80Kb / 1P
SMD Power Inductors
More results

Similar Description - SP4280

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
75 廓 SPDT CATV UltraCMOS?
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
75 廓 SPDT CATV UltraCMOS?
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE42750 PSEMI-PE42750_14 Datasheet
1Mb / 10P
75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
75 廓 SPDT CATV UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com