Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4280 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP4280
Description  75  SPDT CATV CMOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4280 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP4280 Datasheet HTML 1Page - SIPAT Co,Ltd SP4280 Datasheet HTML 2Page - SIPAT Co,Ltd SP4280 Datasheet HTML 3Page - SIPAT Co,Ltd SP4280 Datasheet HTML 4Page - SIPAT Co,Ltd SP4280 Datasheet HTML 5Page - SIPAT Co,Ltd SP4280 Datasheet HTML 6Page - SIPAT Co,Ltd SP4280 Datasheet HTML 7Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
SP4280
Page 2 of 7`
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UTSi device, observe the
same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified.
Latch-Up Avoidance
Unlike conventional CMOS devices, CMOS
devices are immune to latch-up.
Table 4. Operating Ranges @ 25 °C
Figure 3. Pin Configuration (Top View)
No.
Name
Description
1
GND
Ground
2
GND
Ground
31
RF1
RF I/O
44
GND
Ground
5
GND
Ground
6
GND
Ground
74
GND
Ground
81
RFC
Common
94
GND
Ground
10
GND
Ground
11
GND
Ground
124
GND
Ground
131
RF2
RF I/O
14
GND
Ground
15
GND
Ground
162
C2
Control 2
172
C1
Control 1
183
VSS / GND
Negative Supply Option
19
GND
Ground
20
VDD
Supply
Pad
GND
Ground Pad
Notes:
1. RF pins 3, 8, and 13 must be at 0 VDC. The RF pins do not require DC
blocking capacitors for proper operation if the 0 VDC requirement is met.
2. Pins 16 and 17 are the CMOS controls that set the three operating
states.
3. Connect pin 18 to GND to enable the on-chip negative voltage generator.
Connect pin 18 to VSS (-3 V) to bypass and disable internal -3 V supply
generator. Also, see paragraph “Switching Frequency.”
4. Customer can add external resistance to ground to change or modify
termination resistance.
Switching Frequency
The SP4280 has a maximum 25 kHz switching
rate when the internal negative voltage generator
is used (pin 18=GND). The rate at which the
SP4280 can be switched is only limited to the
switching time if an external -3 V supply is
provided at pin 18 (VSS).
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any DC input
-0.3
VDD +
0.3
V
PRF
RF CW power
24
dBm
TST
Storage temperature
-65
150
°C
TOP
Operating temperature
-40
85
°C
VESD
ESD voltage
(Human Body Model)
1000
V
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3 V)
8
20
µA
Control Voltage High
70% VDD
V
Control Voltage Low
30% VDD
V
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be re-
stricted to the limits in the Operating Ranges ta-
ble. Operation between operating range maxi-
mum and absolute maximum for extended periods
may reduce reliability.
GND
15
14
13
12
11
3
4
5
2
1
GND
GND
GND
RF2
GND, RF2 Term.
GND
GND, RF1 Term.
RF1
GND
GND
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com