Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4280 Datasheet(PDF) 5 Page - SIPAT Co,Ltd

Part # SP4280
Description  75  SPDT CATV CMOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4280 Datasheet(HTML) 5 Page - SIPAT Co,Ltd

  SP4280 Datasheet HTML 1Page - SIPAT Co,Ltd SP4280 Datasheet HTML 2Page - SIPAT Co,Ltd SP4280 Datasheet HTML 3Page - SIPAT Co,Ltd SP4280 Datasheet HTML 4Page - SIPAT Co,Ltd SP4280 Datasheet HTML 5Page - SIPAT Co,Ltd SP4280 Datasheet HTML 6Page - SIPAT Co,Ltd SP4280 Datasheet HTML 7Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Specification
SP4280
Page 5 of 7
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
RF1 - RF2 (RF1 Thru)
RF1 - RF2 (RF2 Thru)
RF1 - RF2 (RF1 & 2 OPEN)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
RFC - RF1 (RF2 OPEN)
RFC - RF2 (RF1 OPEN)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
RFC - RF1 (RF2 CLOSED)
RFC - RF2 (RF1 CLOSED)
Frequency (MHz)
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
500
1000
1500
2000
2500
3000
25C
-40C
85C
Frequency (MHz)
Typical Performance Data from -40°C to +85°C (Unless otherwise noted)
Figure 7. Input to Output Isolation
Figure 9. Isolation – RF1 To RF2
Figure 8. Input to Output Isolation
Figure 6. Insertion Loss (RFC to RF1 or RF2)
(75
impedance except as indicated)
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com