Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4280 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP4280
Description  75  SPDT CATV CMOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4280 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP4280 Datasheet HTML 1Page - SIPAT Co,Ltd SP4280 Datasheet HTML 2Page - SIPAT Co,Ltd SP4280 Datasheet HTML 3Page - SIPAT Co,Ltd SP4280 Datasheet HTML 4Page - SIPAT Co,Ltd SP4280 Datasheet HTML 5Page - SIPAT Co,Ltd SP4280 Datasheet HTML 6Page - SIPAT Co,Ltd SP4280 Datasheet HTML 7Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product Specification
SP4280
Page 4 of 7
│
Evaluation Kit
The SPDT Switch Evaluation Kit board was
designed to ease customer evaluation of the
SP4280 SPDT switch. The RFC port is
connected through a 75
transmission line to J2.
Port 1 and Port 2 are connected through 75
transmission lines to J1 and J3. A through
transmission line connects F connectors J4 and
J5. This transmission line can be used to
estimate the loss of the PCB over the
environmental conditions being evaluated.
The board is constructed of a four metal layer
FR4 material with a total thickness of 0.062”. The
transmission lines were designed using a
coplanar waveguide with ground plane (28 mil
core, 21mil width, 30 mil gap).
J6 provides a means for controlling DC and digital
inputs to the device. The provided jumpers short
the package pin to ground for logic low. When
the jumper is removed, the pin is pulled up to VDD
for logic high.
When the jumper is in place, 3 µA of current will
flow through the 1 M
pull up resistor. This extra
current should not be attributed to the
requirements of the device.
Proper PCB design is essential for full isolation
performance. This eval board demonstrates good
trace and ground management for minimum
coupling and radiation.
Figure 4. Evaluation Board Layouts
Figure 5. Evaluation Board Schematic
75 OHM T-Line
75 OHM T-Line
75 OHM T-Line
75 OHM T-Line
1
J5
J5
R1
1M
R1
1M
R2
1M
R2
1M
VDD
1
GND
3
VSS/GND
5
GND
7
GND
2
GND
4
GND
6
GND
8
GND
1 0
GND
1 2
GND
1 4
C2
13
C1
9
GND
11
J6
HEADER 7 X2
J6
HEADER 7 X2
1
J4
J4
1
J3
J3
C3
DNI
C3
DNI
GND
2
RF1
3
GND
4
GND
5
GND
1
GND
12
GND
11
RF2
13
GND
14
GND
15
GND
21
U1
PE4280
U1
PE4280
C1
DNI
C1
DNI
C2
DNI
C2
DNI
1
J2
J2
1
J1
J1
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com