Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP42450 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP42450
Description  SP5T Absorptive Silicon-on-Sapphire
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP42450 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP42450 Datasheet HTML 1Page - SIPAT Co,Ltd SP42450 Datasheet HTML 2Page - SIPAT Co,Ltd SP42450 Datasheet HTML 3Page - SIPAT Co,Ltd SP42450 Datasheet HTML 4Page - SIPAT Co,Ltd SP42450 Datasheet HTML 5Page - SIPAT Co,Ltd SP42450 Datasheet HTML 6Page - SIPAT Co,Ltd SP42450 Datasheet HTML 7Page - SIPAT Co,Ltd SP42450 Datasheet HTML 8Page - SIPAT Co,Ltd SP42450 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SP42450
SP42450
High-Isolation RF Switch
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com Page 2 of 10
Table 1. Electrical Specifications @ 25 °C, VDD = 3.0 V (ZS = ZL = 50 Ω )
Notes:
1. Please refer to Maximum Operating Power in Table 2
Electrical Parameter
Path
Condition
Min
Typ
Max
Unit
Operating Frequency
450
4000
MHz
Insertion Loss, IL
RFC - RFX
RFC - RFX
RFC - RFX
RFC - RFX
RFC - RFX
450 MHz
900 MHz
2100 MHz
2600 MHz
4000 MHz
1.6
1.65
1.95
2.05
2.25
1.8
1.9
2.15
2.25
2.55
dB
dB
dB
dB
dB
Isolation, Iso
RFC/RFX - RFX
RFC/RFX - RFX
RFC/RFX - RFX
RFC/RFX - RFX
RFC/RFX - RFX
450 MHz
900 MHz
2100 MHz
2600 MHz
4000 MHz
63
57
50
50
45
68
62
55
53
50
dB
dB
dB
dB
dB
Return Loss, Active Port
RFX
450 - 4000 MHz
16
dB
Return Loss, Terminated Port
RFX
450 - 4000 MHz
15
dB
Input 1 dB compression1, P1dB
RFX - RFC
All Bands,100% duty cycle
35
dBm
Input IP2
RFX - RFC
All Bands, 100% duty cycle
95
dBm
Input IP3
RFX - RFC
All Bands, 100% duty cycle
58
dBm
Switching Time, TSW
"On"
"Off"
50% Control to 90% RF
50% Control to 10% RF
200
200
500
500
ns
ns
Table 2. Operating Ranges
Parameter
Min
Typ
Max Units
VDD Supply Voltage
2.7
3.0
3.3
V
VssEXT Negative Power Supply
Voltage2
-3.3
-3.0
-2.7
V
IDD Max Power Supply Current
VDD = 3.3 V, PMAX= 33 dBm,
Temperature = -40°C
50
µA
Control Voltage High
0.7 x
VDD
VDD
V
Control Voltage Low
0
0.3 x
VDD
V
ICTRL Control Current3
1
µA
Maximum Operating Power (RFX
-RFC, All Bands (50Ω), 100%
duty cycle)
33
dBm
Maximum power into termination
(RFX, All Bands (50Ω),100%
duty cycle)
24
dBm
Operating temperature range
-40
+85
°C
Symbol
VDD
VssEXT
IDD
(max)
VIH
VIL
ICTRL
PMAX
PMAX
TOP
IDD Power Supply Current
VDD = 3.0 V, PIN= 0 dBm
IDD
14
µA
Note: 2. Applied only when external Vss power supply used. Pin 20
must be grounded when using internal Vss supply.
3. Pull-down resistor in EVK schematic may increase control
current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com