Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP42450 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP42450
Description  SP5T Absorptive Silicon-on-Sapphire
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP42450 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP42450 Datasheet HTML 1Page - SIPAT Co,Ltd SP42450 Datasheet HTML 2Page - SIPAT Co,Ltd SP42450 Datasheet HTML 3Page - SIPAT Co,Ltd SP42450 Datasheet HTML 4Page - SIPAT Co,Ltd SP42450 Datasheet HTML 5Page - SIPAT Co,Ltd SP42450 Datasheet HTML 6Page - SIPAT Co,Ltd SP42450 Datasheet HTML 7Page - SIPAT Co,Ltd SP42450 Datasheet HTML 8Page - SIPAT Co,Ltd SP42450 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com Page 1 of 10
Figure 1. Functional Diagram
Figure 2. Package Photo
24-lead 4x4x0.85 mm QFN Package
Custom Specification
SP5T Absorptive Silicon-on-Sapphire
High-Isolation RF Switch
450-4000 MHz, VssEXT option
SP42450
Features
 Design method linearity enhanced Silicon-on
-Sapphire device
 Five symmetric, absorptive RF ports
 High Isolation:
 68 dB at 450 MHz
 62 dB at 900 MHz
 55 dB at 2100 MHz
 53 dB at 2600 MHz
 50 dB at 4000 MHz
 IIP2 of 95 dBm, IIP3 of 58 dBm
 High ESD tolerance of 3500 V HBM
 Optional External Vss Control (VssEXT)
 Three pin CMOS logic control
 No blocking capacitors required
 Small RoHS-Compliant 24-lead
4x4x0.85 mm QFN package
The SP42450 is a linearity enhanced Absorptive SP5T RF Switch
developed on the Silicon-on-Sapphire (SOS) process technology. This
general purpose switch is comprised of five symmetric RF ports and
has very high isolation. An on-chip CMOS decode logic facilitates a
three-pin low voltage CMOS control interface and an optional
external Vss feature (VssEXT). High ESD tolerance and no blocking
capacitor requirements make this the ultimate in integration and
ruggedness.
The design methodology, used to create the SP5T RF Switch, is a
technology that enhances linearity and has exceptional harmonics
performance. It is an innovative feature of the Silicon-on-Sapphire
process, providing performance superior to GaAs with the economy
and integration of conventional CMOS.
Product Description
RF2
RF4
RF5
CMOS
Control/Driver
and ESD
V1 V2
RF1
V3
RF3
ESD
50
ESD
50
ESD
50
ESD
50
ESD
50
RFC
Vss
EXT (optional)


Similar Part No. - SP42450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP42 ETC-SP42 Datasheet
80Kb / 1P
SMD Power Inductors
SP42-100M ETC-SP42-100M Datasheet
80Kb / 1P
SMD Power Inductors
SP42-101K ETC-SP42-101K Datasheet
80Kb / 1P
SMD Power Inductors
SP42-151K ETC-SP42-151K Datasheet
80Kb / 1P
SMD Power Inductors
SP42-220K ETC-SP42-220K Datasheet
80Kb / 1P
SMD Power Inductors
More results

Similar Description - SP42450

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG75020 MICROSEMI-GG75020 Datasheet
97Kb / 2P
ABSORPTIVE SP5T SWITCH MODULES
logo
OSRAM GmbH
LCW_JDSH_EC OSRAM-LCW_JDSH_EC Datasheet
1Mb / 24P
Technology: InGaN on Sapphire
logo
Peregrine Semiconductor...
PE42451 PEREGRINE-PE42451 Datasheet
619Kb / 11P
SP5T Absorptive UltraCMOS
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
M/A-COM Technology Solu...
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
logo
M/A-COM Technology Solu...
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
logo
Peregrine Semiconductor...
PE42451 PEREGRINE-PE42451 Datasheet
619Kb / 11P
SP5T Absorptive UltraCMOS
logo
M/A-COM Technology Solu...
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
HMIC Silicon SP5T PIN Diode Switch
logo
Peregrine Semiconductor
PE42451MLIAA-Z PSEMI-PE42451MLIAA-Z Datasheet
352Kb / 11P
SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch 450-4000 MHz, VssEXT option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com