Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP42450 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP42450
Description  SP5T Absorptive Silicon-on-Sapphire
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP42450 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP42450 Datasheet HTML 1Page - SIPAT Co,Ltd SP42450 Datasheet HTML 2Page - SIPAT Co,Ltd SP42450 Datasheet HTML 3Page - SIPAT Co,Ltd SP42450 Datasheet HTML 4Page - SIPAT Co,Ltd SP42450 Datasheet HTML 5Page - SIPAT Co,Ltd SP42450 Datasheet HTML 6Page - SIPAT Co,Ltd SP42450 Datasheet HTML 7Page - SIPAT Co,Ltd SP42450 Datasheet HTML 8Page - SIPAT Co,Ltd SP42450 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com Page 3 of 10
SP42450
SP42450
High-Isolation RF Switch
Table 3. Pin Descriptions
Electrostatic Discharge (ESD) Precautions
When handling this Silicon-on-Sapphire device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains circuitry to
protect it from damage due to ESD, precautions should be
taken to avoid exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, Silicon-on-Sapphire
devices are immune to latch-up.
Table 4. Absolute Maximum Ratings
Exceeding absolute maximum ratings may cause permanent
damage. Operation should be restricted to the limits in the
Operating Ranges table.
Symbol
Parameter/Conditions
Min
Max
Units
TST
Storage temperature range
-60
+150
°C
PMAX
Maximum Operating Power (RFX
-RFC, All Bands (50Ω), 100%
duty cycle)
33
dBm
PMAX
Maximum power into termination
(RFX, All Bands (50Ω),100%
duty cycle)
24
dBm
VESD
ESD Voltage HBM6, All Pins
3500
V
VESD
ESD Voltage MM7, All Pins
150
V
Notes: 6. Human Body Model ESD Voltage (HBM, MIL_STD 883
Method 3015.7)
7. Machine Model ESD Voltage (JESD22-A115-A)
Mode
V3
V2
V1
All off
0
0
0
RF1 on
0
0
1
RF2 on
0
1
0
RF3 on
0
1
1
RF4 on
1
0
0
RF5 on
1
0
1
All off
1
1
0
Unsupported
1
1
1
Table 5. Truth Table
Exposed
Ground
Paddle
GND
RF5
GND
GND
GND
Vdd
V1
V2
RF4
18
17
16
15
14
13
2
3
4
5
6
1
RF1
GND
GND
Figure 3. Pin Configuration (Top View)
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the SP42450 in the
24-lead 4x4 QFN package is MSL1.
Note:
4. Blocking capacitors needed only when non-zero DC voltage
present.
5. Pin 20 must be grounded when using internal Vss supply
Switching Frequency
The SP42450 has a maximum 25 kHz switching rate when
the internal negative voltage generator is used (pin
20=GND). The rate at which the SP42450 can be switched
is only limited to the switching time if an external -3 V
supply is provided (pin 20=VssEXT ).
Pin #
Name
Description
1, 3, 4, 6, 7, 9, 10,
12, 13, 15, 21, 23, 24
GND
Ground
2
RF54
RF I/O
5
RF44
RF I/O
8
RF34
RF I/O
11
RF24
RF I/O
14
RF14
RF I/O
16
VDD
Supply
17
V1
Switch control input, CMOS logic level
18
V2
Switch control input, CMOS logic level
19
V3
Switch control input, CMOS logic level
20
VssEXT /
GND5
External Vss Control / Ground
22
RFC4 RF Common
Paddle
GND
Ground for proper device operation
Optional External Vss Control (VssEXT)
For proper operation, the VssEXT control must be
grounded or at the Vss voltage specified in the
Operating Ranges table (Table 2). When the VssEXT control
pin on the package is grounded the switch FET’s are biased
with an internal low spur negative voltage generator. For
applications that require the lowest possible spur
performance, VssEXT can be applied to bypass the internal
negative voltage generator to eliminate the spurs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com