Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP42450 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP42450
Description  SP5T Absorptive Silicon-on-Sapphire
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP42450 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP42450 Datasheet HTML 1Page - SIPAT Co,Ltd SP42450 Datasheet HTML 2Page - SIPAT Co,Ltd SP42450 Datasheet HTML 3Page - SIPAT Co,Ltd SP42450 Datasheet HTML 4Page - SIPAT Co,Ltd SP42450 Datasheet HTML 5Page - SIPAT Co,Ltd SP42450 Datasheet HTML 6Page - SIPAT Co,Ltd SP42450 Datasheet HTML 7Page - SIPAT Co,Ltd SP42450 Datasheet HTML 8Page - SIPAT Co,Ltd SP42450 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SP42450
SP42450
High-Isolation RF Switch
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com Page 4 of 10
Evaluation Kit
The SP5T switch EK Board was designed to ease customer
evaluation of SP42450. The RF common port is connected
through a 50 Ω transmission line via the top SMA connector.
RF1, RF2, RF3 and RF4 are connected through 50 Ω
transmission lines via side SMA connectors. A through 50 Ω
transmission is available via SMA connectors RFCAL1 and
RFCAL2. This transmission line can be used to estimate the
loss of the PCB over the environmental conditions being
evaluated.
The EVK board is constructed with four metal layers on
dielectric materials of Rogers 4003C and 4450 with a total
thickness of 32 mils. Layer 1 and layer 3 provide ground for
the 50 ohm transmission lines. The 50 ohm transmission
lines are designed in layer 2 for high isolation purpose and
use a stripline waveguide design with a trace width of 9.4
mils and trace metal thickness of 1.8 mils. The board stack
up for 50 ohm transmission lines has 8 mil thickness of
Rogers 4003C between layer 1 and layer 2, and 10 mil
thickness of Rogers 4450 between layer 2 and layer 3. Please
consult manufacturer's guidelines for proper board material
properties in your application. The PCB should be designed
in such a way that RF transmission lines and sensitive DC i/o
traces such as VssEXT are heavily isolated from one another,
otherwise the true performance of the SP42450 will not be
yielded.
Figure 4. Evaluation Board Layouts
Figure 5. Evaluation Board Schematic
RF CAL
USE PCB 101-0479-03
STRIPLINE
1
1
3
3
5
5
7
7
2
2
4
4
6
6
8
8
10
10
12
12
14
14
13
13
9
9
11
11
J1
HEADER 14
1
RFCAL1
2
RFC
1
RFCAL2
1
RF1
R2
1M
1
RF4
1
RF5
C6
1µF
1
GND
2
RF5
3
GND
4
GND
5
RF4
6
GND
13
GND
14
RF1
15
GND
16
VDD
17
V1
18
V2
U1
PE4245x_24L_QFN
1
RF3
1
RF2
C1
DNI
R1
0OHM
R3
0OHM
C2
100pF
R4
1M
R5
0OHM
C3
100pF
R6
1M
R7
0OHM
C4
100pF
R8
1M
R9
0OHM
C5
100pF
RF
RF5
RF4
RF1
RF2
RF3
V1
V2
V3
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com