Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1126 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF1126
Description  BROADBAND MEDIUM POWER SPDT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1126 Datasheet(HTML) 2 Page - RF Micro Devices

  RF1126 Datasheet HTML 1Page - RF Micro Devices RF1126 Datasheet HTML 2Page - RF Micro Devices RF1126 Datasheet HTML 3Page - RF Micro Devices RF1126 Datasheet HTML 4Page - RF Micro Devices RF1126 Datasheet HTML 5Page - RF Micro Devices RF1126 Datasheet HTML 6Page - RF Micro Devices RF1126 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
RF1126
DS110405
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
6.0
V
Maximum Input Power (0.6GHz to
2.5GHz), RF1, RF2
+28
dBm
Operating Temperature
-30 to +85
°C
Storage Temperature
-65 to +100
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall - Vcontrol_high=3V
VRF1, VRF2 = High = 3 V, VRF1 = VRF2 = Low =
0 V, Temp = 25°C
Operating Frequency
50
5800
MHz
Insertion Loss
RFC - RF1, RFC - RF2
0.21
0.24
dB
RF ON, 50MHz to 450MHz
0.26
0.31
dB
RF ON, 824MHz to 960MHz
0.32
0.40
dB
RF ON, 1850MHz to 1990MHz
0.36
0.45
dB
RF ON, 2170MHz to 2500MHz
0.70
dB
RF ON, 5.8GHz
Isolation
RFC - RF1, RFC - RF2
31
33
dB
RF ON, 450MHz
25
27
dB
RF ON, 824MHz to 960MHz
18
20
dB
RF ON, 1850MHz to 1990MHz
16
19
dB
RF ON, 2170MHz to 2500MHz
11
dB
RF ON, 5.8GHz
Return Loss
19
26
dB
500MHz to 3000MHz
Second Harmonic
75
dBc
PIN=+15dBm, 1980MHz
69
dBc
PIN=+15dBm, 2500MHz
Third Harmonic
90
dBc
PIN=+15dBm, 1980MHz
70
dBc
PIN=+15dBm, 2500MHz
IIP3
RF1 - RFC, RF2 - RFC (Cell)
61
62
dBm
Tone 1: 836.5MHz @ 16dBm, Tone 2:
791.5MHz @ -20dBm RX Freq: 881.5MHz
RF1 - RFC, RF2 - RFC (IMT)
59
60
dBm
Tone 1: 1950MHz @ 16dBm, Tone 2:
1760MHz @ -20dBm RX Freq: 2140MHz
Triple Beat Ratio
Cell/AWS/PCS
61
dBc
VSWR=2:1
0.1 dB Compression (P0.1dB)
21
23
dBm
500MHz to 3000MHz
Switching Speed
160
400
ns
50% control to 10%/90%
Control Current
0.4
1.0
APIN=15dBm
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com