Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1126 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF1126
Description  BROADBAND MEDIUM POWER SPDT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1126 Datasheet(HTML) 7 Page - RF Micro Devices

  RF1126 Datasheet HTML 1Page - RF Micro Devices RF1126 Datasheet HTML 2Page - RF Micro Devices RF1126 Datasheet HTML 3Page - RF Micro Devices RF1126 Datasheet HTML 4Page - RF Micro Devices RF1126 Datasheet HTML 5Page - RF Micro Devices RF1126 Datasheet HTML 6Page - RF Micro Devices RF1126 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7 of 7
RF1126
DS110405
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Data on Evaluation Board Note: Fixture losses have been de-embedded (Temp=25°C,
VRF1=VRF2=High=3V VRF1=VRF2=Low=0V)
Isolation (Ant - RF port)
(Temp=25°C, VRF(H)=3V)
-50
-40
-30
-20
-10
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Isolation (Port - Port)
(Temp=25°C, VRF(H)=3V)
-50
-40
-30
-20
-10
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Return Loss
(Temp=25°C, VRF(H)=3V)
-50
-40
-30
-20
-10
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Insertion Loss
(Temp=25°C, VRF(H)=3V)
-2.0
-1.5
-1.0
-0.5
0.0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Output Power versus Input Power
(Temperature=25°C, Frequency=1980MHz, VCTL(H)=3V)
8
10
12
14
16
18
20
22
24
26
28
30
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Input Power PIN (dBm)
Average of Pout
Average of Theoretical Pout
Harmonics
(Temp=25°C, VRF(H)=3V)
-100
-80
-60
-40
-20
0
15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33
Input Power (dBm)
Average of 2Fo
Average of 3Fo



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com