Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1126 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1126
Description  BROADBAND MEDIUM POWER SPDT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1126 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1126 Datasheet HTML 1Page - RF Micro Devices RF1126 Datasheet HTML 2Page - RF Micro Devices RF1126 Datasheet HTML 3Page - RF Micro Devices RF1126 Datasheet HTML 4Page - RF Micro Devices RF1126 Datasheet HTML 5Page - RF Micro Devices RF1126 Datasheet HTML 6Page - RF Micro Devices RF1126 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
VRF1
VRF2
RF1126
RF1
RF2
RF1126
BROADBAND MEDIUM POWER SPDT SWITCH
The RF1126 is a single-pole double-throw (SPDT) switch designed for gen-
eral purpose switching applications which require very low insertion loss
and medium power handling capability. The RF1126 is ideally suited for
battery operated applications requiring high performance switching with
very low DC power consumption. The RF1126 features low insertion loss,
high linearity, and very good harmonic characteristics, and is operable
from 1.8V to 3.6V control voltage. It is fabricated with 0.5
m GaAs
pHEMT process, and is packaged in a very compact 2mmx1.3mm, 6-pin,
leadless QFN package.
Features
Broadband Performance
Low Frequency to 5.8GHz
Very Low Insertion Loss
0.26dB Typ at 1GHz
0.32dB Typ at 2GHz
Excellent Harmonics <-75dBc
at 2GHz
High IIP3: Cell Band Typ.
62dBm
1.8V Capable for Low Power
Applications
P0.1dB>23dBm Typ @ 2GHz
Applications
Cellular Handset Applications
Antenna Tuning Applications
IEEE802.11b/g WLAN Appli-
cations
Multi-mode GSM, W-CDMA
Applications
WLAN Applications
RF1126
Broadband Medium Power SPDT Switch
RF1126PCBA-410
Fully Assembled Evaluation Board
DS110405
Package Style: QFN, 6-pin, 2mmx1.3mmx0.35mm


Similar Part No. - RF1126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RF112 NXP-RF112 Datasheet
645Kb / 45P
RF112 Transceiver Data Sheet
Rev. 1 Draft B, 05/2024
logo
RF Micro Devices
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
BROADBAND LOW POWER SPDT SWITCH
RF1128 RFMD-RF1128 Datasheet
383Kb / 6P
BROADBAND MEDIUM POWER
logo
NXP Semiconductors
RF112L0H NXP-RF112L0H Datasheet
536Kb / 46P
RF112L0H Transceiver Data Sheet
Rev. A, 12/2020
RF112L0HS9B NXP-RF112L0HS9B Datasheet
645Kb / 45P
RF112 Transceiver Data Sheet
Rev. 1 Draft B, 05/2024
More results

Similar Description - RF1126

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
logo
RF Micro Devices
RF3023 RFMD-RF3023 Datasheet
994Kb / 5P
BROADBAND MEDIUM POWER SPDT SWITCH
RF3024 RFMD-RF3024 Datasheet
353Kb / 5P
BROADBAND MEDIUM POWER SPDT SWITCH
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
logo
RF Micro Devices
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
BROADBAND LOW POWER SPDT SWITCH
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
Broadband SPDT Switch
RF1602L RFMD-RF1602L Datasheet
645Kb / 8P
Broadband SPDT Switch
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
logo
M/A-COM Technology Solu...
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com