Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1126 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF1126
Description  BROADBAND MEDIUM POWER SPDT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1126 Datasheet(HTML) 3 Page - RF Micro Devices

  RF1126 Datasheet HTML 1Page - RF Micro Devices RF1126 Datasheet HTML 2Page - RF Micro Devices RF1126 Datasheet HTML 3Page - RF Micro Devices RF1126 Datasheet HTML 4Page - RF Micro Devices RF1126 Datasheet HTML 5Page - RF Micro Devices RF1126 Datasheet HTML 6Page - RF Micro Devices RF1126 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 of 7
RF1126
DS110405
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Control Logic
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall - Vcontrol_high=1.8V
VRF1, VRF2=High=1.8V, VRF1=VRF2=Low=0V,
Temp=25°C
Operating Frequency
50
5800
MHz
Insertion Loss
RFC - RF1, RFC - RF2
0.21
0.30
dB
RF ON, 450MHz
0.26
0.35
dB
RF ON, 824MHz to 960MHz
0.32
0.45
dB
RF ON, 1850MHz to 1990MHz
0.36
0.50
dB
RF ON, 2170MHz to 2500MHz
0.70
dB
RF ON, 5.8GHz
Isolation
RFC - RF1, RFC - RF2
30
32
dB
RF ON, 450MHz
24
25
dB
RF ON, 824MHz to 960MHz
17
19
dB
RF ON, 1850MHz to 1990MHz
15
18
dB
RF ON, 2170MHz to 2500MHz
11
dB
RF ON, 5.8GHz
Return Loss
19
26
dB
500MHz to 3000MHz
0.1 dB Compression (P0.1dB)
7
11
dBm
500MHz to 3000MHz
Switching Speed
160
400
ns
50% control to 10%/90%
DC Supply
1.8
3.0
3.6
V
VRF1 and VRF2 (H)
0
0.4
V
VRF1 and VRF2 (L)
Control Current
0.4
1.0
APIN=15dBm
Control Signals
Signal Paths
VRF1
VRF2
RF1-RFC RF2-RFC
Valid States
1
0
ON
OFF
01
OFF
ON
Invalid
States
0
0
Indeterminate State*
1
1
Indeterminate State*
0: Logic level low, 0V~0.4V
1: Logic level high, 1.8V~3.6V
Note: In indeterminate states, both signal paths are ON
with degraded performance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com