Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003-04JTG Datasheet(PDF) 2 Page - Littelfuse

Part # SP3003-04JTG
Description  SP3003 Series 0.65pF Diode Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003-04JTG Datasheet(HTML) 2 Page - Littelfuse

  SP3003-04JTG Datasheet HTML 1Page - Littelfuse SP3003-04JTG Datasheet HTML 2Page - Littelfuse SP3003-04JTG Datasheet HTML 3Page - Littelfuse SP3003-04JTG Datasheet HTML 4Page - Littelfuse SP3003-04JTG Datasheet HTML 5Page - Littelfuse SP3003-04JTG Datasheet HTML 6Page - Littelfuse SP3003-04JTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/20/13
TVS Diode Arrays (SPA®Diodes)
Low Capacitance ESD Protection - SP3003 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
2.5
A
T
OP
Operating Temperature
–40 to 125
°C
T
STOR
Storage Temperature
–55 to 150
°C
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
–55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature
(Soldering 20-40s)
260
°C
Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R ≤ 1µA
6
V
Reverse Leakage Current
I
LEAK
V
R=5V
0.5
µA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
10.0
12.0
V
I
PP=2A, tp=8/20µs, Fwd
11.8
15.0
V
ESD Withstand Voltage1
V
ESD
IEC61000-4-2 (Contact)
±8
kV
IEC61000-4-2 (Air)
±15
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V
0.7
0.8
0.95
pF
Reverse Bias=1.65V
0.55
0.65
0.8
pF
Diode Capacitance1
C
I/O-I/O
Reverse Bias=0V
0.35
pF
Note: 1. Parameter is guaranteed by design and/or device characterization.
Capacitance vs. Bias Voltage
Insertion Loss (S21) I/O to GND
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Frequency [Hz]
1.00
0.95
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
I/O DC Bias (V)
V
CC = 3.3V
V
CC = Float
V
CC = 5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com