Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003-04JTG Datasheet(PDF) 7 Page - Littelfuse

Part # SP3003-04JTG
Description  SP3003 Series 0.65pF Diode Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003-04JTG Datasheet(HTML) 7 Page - Littelfuse

  SP3003-04JTG Datasheet HTML 1Page - Littelfuse SP3003-04JTG Datasheet HTML 2Page - Littelfuse SP3003-04JTG Datasheet HTML 3Page - Littelfuse SP3003-04JTG Datasheet HTML 4Page - Littelfuse SP3003-04JTG Datasheet HTML 5Page - Littelfuse SP3003-04JTG Datasheet HTML 6Page - Littelfuse SP3003-04JTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/20/13
TVS Diode Arrays (SPA®Diodes)
Low Capacitance ESD Protection - SP3003 Series
Part Numbering System
SP3003-0x x TG
Series
Number of Channels
-02 = 2 channel
(SC70-5, SOT553, µDFN-6L packages)
-04 = 4 channel
(SC70-6, SOT563, MSOP-10 packages)
-08 = 8 channel
(MSOP-10 packages)
Package
A = MSOP-10, 4000 quantity
J = SC70-5 or SC70-6, 3000 quantity
X = SOT553 or SOT563, 5000 quantity
U= µDFN-6L, 3000 quantity
T= Tape & Reel
G= Green
TVS Diode Arrays
(SPA® Diodes)
Part Marking System
F * *
F * *
Product Series
F=SP3003 series
Assembly Site
(varies)
Number of Channels
(varies)
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP3003-02JTG
SC70-5
F*2
3000
SP3003-02UTG
µDFN-6L
FH2
3000
SP3003-02XTG
SOT553
F*2
3000
SP3003-04ATG
MSOP-10
F*4
4000
SP3003-04JTG
SC70-6
F*4
3000
SP3003-04XTG
SOT563
F*4
3000
SP3003-08ATG
MSOP-10
F*8
4000
Embossed Carrier Tape & Reel Specification — µDFN-6L
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.076
0.081
D
1.40
1.60
0.055
0.063
D1
0.45
0.55
0.017
0.021
P0
3.90
4.10
0.154
0.161
10P0
40.0±0.20
1.574±0.008
W
7.90
8.30
0.311
0.319
P0
3.90
4.10
0.154
0.161
A0
1.15
1.25
0.045
0.049
B0
1.75
1.85
0.069
0.073
K0
0.65
0.75
0.026
0.03
t
0.22 max
0.009 max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com