Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003-04JTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP3003-04JTG
Description  SP3003 Series 0.65pF Diode Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003-04JTG Datasheet(HTML) 1 Page - Littelfuse

  SP3003-04JTG Datasheet HTML 1Page - Littelfuse SP3003-04JTG Datasheet HTML 2Page - Littelfuse SP3003-04JTG Datasheet HTML 3Page - Littelfuse SP3003-04JTG Datasheet HTML 4Page - Littelfuse SP3003-04JTG Datasheet HTML 5Page - Littelfuse SP3003-04JTG Datasheet HTML 6Page - Littelfuse SP3003-04JTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/20/13
TVS Diode Arrays (SPA®Diodes)
Low Capacitance ESD Protection - SP3003 Series
Description
Features
Applications
The SP3003 has ultra low capacitance rail-to-rail diodes with
an additional zener diode fabricated in a proprietary silicon
avalanche technology to protect each I/O pin providing a
high level of protection for electronic equipment that may
experience destructive electrostatic discharges (ESD). These
robust diodes can safely absorb repetitive ESD strikes at the
maximum level specified in the IEC 61000-4-2 international
standard (Level 4, ±8kV contact discharge) without
performance degradation. Their very low loading capacitance
also makes them ideal for protecting high speed signal pins
such as HDMI, DVI, USB2.0, and IEEE 1394.
• ESD protection of ±8kV
contact discharge,
±15kV air discharge,
(IEC61000-4-2)
• EFT protection,
IEC61000-4-4, 40A
(5/50ns)
• Lightning Protection,
IEC61000-4-5, 2.5A
(8/20µs)
• Low capacitance of
0.65pF (TYP) per I/O
• Low leakage current of
0.5μA (MAX) at 5V
• Complete line of small
packaging helps save
board space (SC70,
SOT553, SOT563,
MSOP10, µDFN-6L)
• AEC-Q101 qualified
(µDFN package)
• LCD/ PDP TVs
• DVD Players
• Desktops
• MP3/ PMP
• Digital Cameras
• Set Top Boxes
• Mobile Phones
• Notebooks
• Computer Peripherals
Pinout
NC
V
CC
I/O 1
GND
I/O 2
I/O 4
V
CC
I/O 3
I/O 1
GND
I/O 2
SP3003-04X/J
SP3003-02X/J
Functional Block Diagram
SP3003-04J/XTG
SP3003-04ATG
SP3003-02J/XTG
SP3003-08ATG
1
2
3
6
5
4
1
2
3
4
5
10
9
8
7
6
1
2
3
1
2
3
4
5
10
9
8
7
6
5
4
I/O 1
I/O 2
V
NC
GND
CC
NC
NC
NC
I/O 3
I/O 4
SP3003-04A
I/O 1
I/O 2
NC
I/O 3
I/O 4
SP3003-08A
GND
I/O 8
I/O 7
I/O 6
I/O 5
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb GREEN
Application Example
IC
*Package is shown as transparent
DVI/ HDMI Port
Vcc/NC
Vcc/NC
Signal GND
GND
GND
D2+
GND
GND
GND
GND
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
A single, 4 channel SP3003-04 device can be used to
protect four (4) of the data lines in a HDMI/DVI interface
so two (2) SP3003-04 devices provide protection for all
eight (8)TMDS lines.
SP3003-02UTG
(AEC-Q101 qualified)
SP3003-02UTG
SP3003 Series 0.65pF Diode Array
Additional Information
Datasheet
Samples
Resources


Similar Part No. - SP3003-04JTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-04JTG LITTELFUSE-SP3003-04JTG Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
More results

Similar Description - SP3003-04JTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003 LITTELFUSE-SP3003_11 Datasheet
320Kb / 6P
SP3003 Series 0.65pF Rail Clamp Array
logo
Bourns Electronic Solut...
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
TVS Diode Array Series
CD143A-SR70 BOURNS-CD143A-SR70 Datasheet
134Kb / 3P
Steering Diode Array Series
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
logo
Littelfuse
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
Series Diode Array
2019 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com