Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003-04JTG Datasheet(PDF) 3 Page - Littelfuse

Part # SP3003-04JTG
Description  SP3003 Series 0.65pF Diode Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003-04JTG Datasheet(HTML) 3 Page - Littelfuse

  SP3003-04JTG Datasheet HTML 1Page - Littelfuse SP3003-04JTG Datasheet HTML 2Page - Littelfuse SP3003-04JTG Datasheet HTML 3Page - Littelfuse SP3003-04JTG Datasheet HTML 4Page - Littelfuse SP3003-04JTG Datasheet HTML 5Page - Littelfuse SP3003-04JTG Datasheet HTML 6Page - Littelfuse SP3003-04JTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/20/13
TVS Diode Arrays (SPA®Diodes)
Low Capacitance ESD Protection - SP3003 Series
Capacitance vs. Frequency
0
2E-13
4E-13
6E-13
8E-13
1E-12
1.2E-12
1.4E-12
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
Product Characteristics
Lead Plating
Matte Tin (SC70-x, MSOP-10) Pre-Plated
Frame (SOT5x3,
µDFN-6)
Lead Material
Copper Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Substitute
Material
Silicon
Body Material
Molded Epoxy
Flammability
UL 94 V-0
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
5. Package surface matte finish VDI 11-13.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com