Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD669 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD669
Description  NPN Type Plastic Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD669 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD669 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD669 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD669 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
n
Transition frequency
fT
VCE=5V, IC=150mA
140
MHz
Cob
VCB=10V , IE=0,f=1MHz
14
pF
Base-emitter voltage
VBE *
VCE=5V,IC= 150mA
1.5
V
Collector output capacitance
Rank
B
C
D
2SD669
60 - 120
100 - 200
160 - 320
2SD669A
60 - 120
100 - 200
----
0.76±0.1
Dimensions in Millimeters
Collector-emitter saturation voltage
VCE (sat) *
IC=500 mA, IB=50mA
1
V
hFE(1) *
VCE=5V, IC= 150mA
60
60
DC current gain
hFE(2) *
VCE=5V, IC= 500mA
2SD669
2SD669A
30
320
200
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 1 A , IE=0
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 10mA ,IB=0
V
Collector-emitter breakdown voltage
V(BR)EBO
IE= 1 A, Ic=0
5
V
Collector cut-off current
ICBO
VCB=160 V , IE=0
10
μ
A
Emitter cut-off current
IEBO
VEB= 4V ,
IC =0
10
μ
A
180
2SD669
2SD669A
120
160
m
m
*
The 2SD669 and 2SD669A are grouped by h
FE1 as follows.
-Jul -2007 Rev. B
10
Page 1 of 3
FEATURES
Power dissipatio
PCM :
1mW(Tamb=25℃)
Collector current
ICM :
1.5 A
Collector-base voltage
V(BR)CBO : 180 V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150
Collector-emitter voltage
VCEO
2SD669
2SD669A
: 120 V
: 160 V
CHARACTERISTICS(Tamb=25℃
unless otherwise specified)
Elektronische Bauelemente
2S
D669/2SD669A
NPN Type
Plastic Encapsulate Transistors
TO-126C
7.6±0.2
1: Emitter
2: Collector
3: Base
4.0±0.1
10.8±0.2
2.2±0.1
15.5±0.2
1.27±0.1
2.29 Typ.
4.58±0.1
0.5±0.1
1.3±0.2
2.7±0.2
3.1± 0.1
O
1
2
3
℃
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SD669

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD669 HITACHI-2SD669 Datasheet
36Kb / 7P
Silicon NPN Epitaxial
logo
Weitron Technology
2SD669 WEITRON-2SD669 Datasheet
245Kb / 5P
NPN Epitaxial Planar Transistors
logo
Unisonic Technologies
2SD669 UTC-2SD669 Datasheet
77Kb / 5P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
TRANSYS Electronics Lim...
2SD669 TEL-2SD669 Datasheet
90Kb / 2P
Plastic-Encapsulated Transistors
logo
Savantic, Inc.
2SD669 SAVANTIC-2SD669 Datasheet
276Kb / 5P
Silicon NPN Power Transistors
More results

Similar Description - 2SD669

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC1815 SECOS-2SC1815 Datasheet
188Kb / 2P
NPN Type Plastic Encapsulate Transistors
2SC1815K SECOS-2SC1815K Datasheet
166Kb / 3P
NPN Type Plastic Encapsulate Transistors
2SC2120 SECOS-2SC2120 Datasheet
282Kb / 2P
NPN Type Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com