Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2149 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST2149
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST2149 Datasheet HTML 5Page - STMicroelectronics ST2149 Datasheet HTML 6Page - STMicroelectronics ST2149 Datasheet HTML 7Page - STMicroelectronics ST2149 Datasheet HTML 8Page - STMicroelectronics ST2149 Datasheet HTML 9Page - STMicroelectronics ST2149 Datasheet HTML 10Page - STMicroelectronics ST2149 Datasheet HTML 11Page - STMicroelectronics ST2149 Datasheet HTML 12Page - STMicroelectronics ST2149 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ST2149
Supplementary notes
Doc ID 15949 Rev 2
9/23
3
Supplementary notes
3.1
Driver requirements
For proper operation, the driver from each side of the device must be able to source and
sink a minimum of 1 mA current. The device architecture requires the driver to source/sink
maximum current of (VCC/4) mA to/from the weak 4 kΩ output buffer.
3.2
Load driving capability
To support the architecture that allows level translation without the direction pin, the one-
shot transistor is turned ON only during state transition at the output side. After the one-shot
transistor is turned OFF, only the 4 k
Ω resistor maintains the state. So, a resistive load or
pull-up resistor less than 50 k
Ω is not recommended for proper operation.
3.3
Power-off feature
In some applications it may be required to turn off one of the power supplies powering up
the level translator. The device is automatically disabled when VCC supply is turned OFF,
even if the OE pin is set to HIGH (enabled). In this mode, all I/Os are in high impedance
state.
3.4
Truth table
Table 3.
Truth table
Enable
Bi-directional Input/output
OE
I/OVCC
I/OVL
H(1)
1.
High-level VL power supply referred.
H(2)
2.
High-level VCC power supply referred.
H(1)
H(1)
LL
LZ(3)
3.
Z = high impedance.
Z(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com