Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2149 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2149
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2149 Datasheet HTML 6Page - STMicroelectronics ST2149 Datasheet HTML 7Page - STMicroelectronics ST2149 Datasheet HTML 8Page - STMicroelectronics ST2149 Datasheet HTML 9Page - STMicroelectronics ST2149 Datasheet HTML 10Page - STMicroelectronics ST2149 Datasheet HTML 11Page - STMicroelectronics ST2149 Datasheet HTML 12Page - STMicroelectronics ST2149 Datasheet HTML 13Page - STMicroelectronics ST2149 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Maximum ratings
ST2149
10/23
Doc ID 15949 Rev 2
4
Maximum ratings
Stressing the device above the ratings listed inTable 4 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in Recommended operating conditions of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VL
Supply voltage
-0.3 to 4.6
V
VCC
Supply voltage
-0.3 to 6.5
V
VOE
DC control input voltage
-0.3 to 6.5
V
VI/OVL
DC I/OVL input voltage (OE = GND or VL)
-0.3 to VL + 0.3
V
VI/OVCC
DC I/OVCC input voltage (OE = GND or VL)
-0.3 to VCC + 0.3
V
IIK
DC input diode current
-20
mA
II/OVL
DC output current
±25
mA
II/OVCC
DC output current
±25
mA
ISCTOUT
Short-circuit duration, continuous
40
mA
PD
Power dissipation
500
mW
TSTG
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 seconds)
300
°C
ESD
Electrostatic discharge protection (HBM)
±2
kV
Table 5.
Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VL
Supply voltage
1.65
–
3.6
V
VCC
Supply voltage
VL
–5.5
V
VOE
Input voltage (OE output enable pin, VL power
supply referred)
0–
3.6
V
VI/OVL
I/OVL voltage
0
–
VL
V
VI/OVCC I/OVCC voltage
0
–
VCC
V
TOP
Operating temperature
-40
–
85
°C
dt/dV
Input rise and fall time
0
–
1
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com