Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2149 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST2149
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST2149 Datasheet HTML 9Page - STMicroelectronics ST2149 Datasheet HTML 10Page - STMicroelectronics ST2149 Datasheet HTML 11Page - STMicroelectronics ST2149 Datasheet HTML 12Page - STMicroelectronics ST2149 Datasheet HTML 13Page - STMicroelectronics ST2149 Datasheet HTML 14Page - STMicroelectronics ST2149 Datasheet HTML 15Page - STMicroelectronics ST2149 Datasheet HTML 16Page - STMicroelectronics ST2149 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ST2149
Electrical characteristics
Doc ID 15949 Rev 2
13/23
AC characteristics
Load CL = 15 pF; driver tr = tf 6 ns over temperature range -40 °C to 85 °C.
IOFF
Partial power-
down current
1.65 to 3.6
0
OE = VL or
GND
I/OVL = high
I/OVCC = low
––
0.1
1
µA
OE = VL or
GND
I/OVL = low
I/OVCC = high
––
0.1
1
IQVCC
Quiescent
supply current
VCC
1.65 to 3.6 1.65 to 5.5
OE = VL
–-
7
9
µA
IQVL
Quiescent
supply current
VL
1.65 to 3.6 1.65 to 5.5
OE = VL
––
0.1
1
µA
1.65 to 3.6
0
0.1
1
IZ-VCC
High
impedance
quiescent
supply current
VCC
1.65 to 3.6 1.65 to 5.5
OE = GND
I/O = Hi-Z
––
0.1
1
µA
IZ-VL
High
impedance
quiescent
supply current
VL
1.65 to 3.6 1.65 to 5.5
OE = GND
I/O = Hi-Z
––
0.1
1
µA
1.65 to 3.6
0
0.1
1
Table 6.
DC characteristics (continued)
Symbol
Parameter
VL
VCC
Test
conditions
Value
Unit
TA = 25
°C-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
Table 7.
AC characteristics - test conditions: VL = 1.65 - 1.95 V
Symbol
Parameter
VCC = VL
1.95 V
VCC = 2.3 –
2.7 V
VCC = 3.0 –
3.6 V
VCC = 4.5 –
5.5 V
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tRVCC
Rise time I/OVCC
5.0
3.2
2.4
1.4
ns
tFVCC
Fall time I/OVCC
1.5
1.4
1.3
1.2
ns
tRVL
Rise time I/OVL
2.8
2.7
2.6
2.6
ns
tFVL
Fall time I/OVL
1.5
1.4
1.4
1.3
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
6.6
5.8
5.0
4.4
ns
tPHL
4.1
3.8
3.6
3.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com