Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2149 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST2149
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST2149 Datasheet HTML 10Page - STMicroelectronics ST2149 Datasheet HTML 11Page - STMicroelectronics ST2149 Datasheet HTML 12Page - STMicroelectronics ST2149 Datasheet HTML 13Page - STMicroelectronics ST2149 Datasheet HTML 14Page - STMicroelectronics ST2149 Datasheet HTML 15Page - STMicroelectronics ST2149 Datasheet HTML 16Page - STMicroelectronics ST2149 Datasheet HTML 17Page - STMicroelectronics ST2149 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Electrical characteristics
ST2149
14/23
Doc ID 15949 Rev 2
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
4.9
4.4
4.1
4.4
ns
tPHL
4.6
4.2
4.0
3.6
ns
tPZL tPZH Output enable time
27
27
27
27
ns
tPLZ tPHZ Output disable time
145
145
145
145
DR
Data rate(1)
41
66
84
86
Mbps
1.
Data rate is guaranteed based on the condition that output I/O signal rise/fall time is less than 15% of period of input I/O
signal; input I/O signal is at 50% duty cycle and output I/O signal duty cycle deviation is less than 50% ± 10%.
Table 7.
AC characteristics - test conditions: VL = 1.65 - 1.95 V (continued)
Table 8.
AC characteristics - test conditions: VL = 2.3 - 2.7 V
Symbol
Parameter
VCC = VL – 2.7 V
VCC = 3.0 –
3.6 V
VCC = 4.5 – 5.5 V
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tRVCC
Rise time I/OVCC
3.3
2.2
1.6
ns
tFVCC
Fall time I/OVCC
1.7
1.6
1.4
ns
tRVL
Rise time I/OVL
2.2
2.0
1.9
ns
tFVL
Fall time I/OVL
1.3
1.2
1.2
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
4.6
4.3
3.9
ns
tPHL
3.6
3.3
2.9
ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
3.9
3.5
3.5
ns
tPHL
3.6
3.0
2.5
ns
tPZL tPZH Output enable time
20
20
20
ns
tPLZ tPHZ Output disable time
130
130
130
DR
Data rate(1)
84
85
-
88
Mbps
1.
Data rate is guaranteed based on the condition that output I/O signal rise/fall time is less than 15% of period of input I/O
signal; input I/O signal is at 50% duty cycle and output I/O signal duty cycle deviation is less than 50% ± 10%.
Table 9.
AC characteristics - test conditions: VL = 3.0 - 3.6 V
Symbol
Parameter
VCC = VL – 3.6 V
VCC = 4.5 – 5.5 V
Unit
Min.
Max.
Min.
Max.
tRVCC
Rise time I/OVCC
1.8
1.7
ns
tFVCC
Fall time I/OVCC
1.3
1.2
ns
tRVL
Rise time I/OVL
1.6
1.5
ns
tFVL
Fall time I/OVL
1.1
1.1
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
4.1
4.1
ns
tPHL
2.6
2.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com