Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5606 Datasheet(PDF) 3 Page - NEC

Part # 2SC5606
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5606 Datasheet(HTML) 3 Page - NEC

  2SC5606 Datasheet HTML 1Page - NEC 2SC5606 Datasheet HTML 2Page - NEC 2SC5606 Datasheet HTML 3Page - NEC 2SC5606 Datasheet HTML 4Page - NEC 2SC5606 Datasheet HTML 5Page - NEC 2SC5606 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Data Sheet P14658EJ2V0DS00
3
2SC5606
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°°°C)
Mounted on Glass Epoxy Board
(1.08 cm
2
× 1.0 mm (t) )
200
150
115
100
50
0
25
0
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
f = 1 MHz
1.0
0.1
1.0
0.1
10.0
100.0
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
650 A
µ
IB 100 A step
µ
IB = 50 A
µ
250 A
µ
450 A
µ
40
30
20
10
0
12
3
04
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE = 2 V
40
30
20
10
0
0
0.6
0.4
0.2
0.8
1.0
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE = 2 V
1 000
100
10
0.1
10.0
1.0
100.0
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com