Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5606 Datasheet(PDF) 1 Page - NEC

Part # 2SC5606
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5606 Datasheet(HTML) 1 Page - NEC

  2SC5606 Datasheet HTML 1Page - NEC 2SC5606 Datasheet HTML 2Page - NEC 2SC5606 Datasheet HTML 3Page - NEC 2SC5606 Datasheet HTML 4Page - NEC 2SC5606 Datasheet HTML 5Page - NEC 2SC5606 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRELIMINARY DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. P14658EJ2V0DS00 (2nd edition)
Date Published April 2000 NS CP(K)
Printed in Japan
NPN SILICON RF TRANSISTOR
2SC5606
NPN SILICON RF TRANSISTOR FOR
LOW NOISE · HIGH-GAIN AMPLIFICATION
3-PIN ULTRA SUPER MINIMOLD
©
1999, 2000
The mark
•
•
•
• shows major revised points.
FEATURES
• Suitable for high-frequency oscillation
•fT = 25 GHz technology adopted
• 3-pin ultra super minimold
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5606
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5606-T1
3 kpcs/reel
• Pin 3 (collector) face the perforation side of the tape
Remark To order evaluation samples, consult your NEC sales representative (Unit sample quantity is 50 pcs).
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
3.3
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
Ptot
Note
115
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy substrate
Because this product uses high-frequency technology, avoid excessive static electricity, etc.


Similar Part No. - 2SC5606

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5606 NEC-2SC5606 Datasheet
73Kb / 7P
NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
Renesas Technology Corp
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
logo
California Eastern Labs
2SC5606 CEL-2SC5606 Datasheet
329Kb / 6P
NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
NEC
2SC5606-A NEC-2SC5606-A Datasheet
73Kb / 7P
NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
Renesas Technology Corp
2SC5606-A RENESAS-2SC5606-A Datasheet
201Kb / 9P
NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
More results

Similar Description - 2SC5606

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5606 NEC-2SC5606_1 Datasheet
73Kb / 7P
NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
Renesas Technology Corp
2SC4226-T1-A RENESAS-2SC4226-T1-A Datasheet
149Kb / 8P
NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
logo
California Eastern Labs
NE68539 CEL-NE68539 Datasheet
727Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
NE66219 CEL-NE66219 Datasheet
329Kb / 6P
NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
NESG210719 CEL-NESG210719 Datasheet
1Mb / 9P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN Amplification 3-Pin Ultra Super Minimold (19, 1608 PKG)
2SC3356 CEL-2SC3356 Datasheet
1Mb / 9P
NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
2SC5011 RENESAS-2SC5011_15 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com