Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5606 Datasheet(PDF) 6 Page - NEC

Part # 2SC5606
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5606 Datasheet(HTML) 6 Page - NEC

  2SC5606 Datasheet HTML 1Page - NEC 2SC5606 Datasheet HTML 2Page - NEC 2SC5606 Datasheet HTML 3Page - NEC 2SC5606 Datasheet HTML 4Page - NEC 2SC5606 Datasheet HTML 5Page - NEC 2SC5606 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary Data Sheet P14658EJ2V0DS00
6
2SC5606
S-PARAMETERS
VCE = 3 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG.ANG.MAG.
ANG.MAG.ANG.MAG.ANG.
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
2800
2900
3000
0.938
0.894
0.871
0.881
0.855
0.837
0.825
0.789
0.768
0.745
0.726
0.699
0.673
0.652
0.622
0.602
0.568
0.542
0.523
0.502
0.477
0.455
0.438
0.412
0.401
0.390
0.375
0.372
0.361
0.365
−7.9
−11.5
−17.9
−22.6
−29.1
−34.1
−40.0
−44.5
−48.9
−54.0
−59.4
−63.1
−67.8
−72.3
−76.6
−80.9
−86.7
−90.5
–96.0
−100.9
−106.3
−112.8
−118.0
−123.2
−130.9
−137.7
−143.1
−151.4
−159.1
−166.1
3.872
3.499
3.458
3.292
3.270
3.189
3.106
3.023
2.956
2.895
2.827
2.773
2.705
2.630
2.555
2.519
2.455
2.367
2.368
2.334
2.268
2.217
2.178
2.154
2.122
2.058
2.007
2.017
1.952
1.927
174.6
166.9
162.4
156.6
151.8
147.3
142.4
137.3
134.2
129.4
124.9
121.8
117.8
113.7
110.5
106.5
103.3
100.4
97.2
93.2
89.6
86.6
83.9
80.0
77.5
74.4
71.2
68.5
66.2
62.4
0.010
0.019
0.041
0.049
0.054
0.071
0.078
0.078
0.086
0.098
0.105
0.109
0.114
0.125
0.123
0.124
0.130
0.128
0.136
0.137
0.142
0.143
0.151
0.158
0.157
0.159
0.161
0.167
0.162
0.167
121.9
53.1
81.7
78.6
73.4
67.7
58.5
62.0
53.0
56.8
59.1
55.4
51.3
51.9
49.8
49.8
47.1
46.5
46.4
44.3
44.2
44.2
45.7
44.7
43.6
42.9
41.4
44.3
43.3
43.7
0.996
0.976
0.958
0.918
0.888
0.887
0.884
0.852
0.832
0.816
0.790
0.777
0.765
0.747
0.723
0.714
0.687
0.676
0.656
0.646
0.632
0.616
0.602
0.586
0.571
0.554
0.536
0.530
0.507
0.488
−3.2
−8.3
−11.3
−13.4
−15.6
−18.2
−20.7
−22.5
−25.6
−27.0
−28.8
−30.8
−31.7
−33.0
−34.3
−36.0
−37.6
−37.8
−39.1
−40.1
−41.7
−41.6
−43.3
−44.4
−46.2
−46.8
−47.9
−48.9
−49.6
−51.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com