Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5606 Datasheet(PDF) 4 Page - NEC

Part # 2SC5606
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5606 Datasheet(HTML) 4 Page - NEC

  2SC5606 Datasheet HTML 1Page - NEC 2SC5606 Datasheet HTML 2Page - NEC 2SC5606 Datasheet HTML 3Page - NEC 2SC5606 Datasheet HTML 4Page - NEC 2SC5606 Datasheet HTML 5Page - NEC 2SC5606 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary Data Sheet P14658EJ2V0DS00
4
2SC5606
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Collector Current IC (mA)
30
25
20
15
10
5
0
1
10
100
VCE = 1 V
f = 2 GHz
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Collector Current IC (mA)
30
25
20
15
10
5
0
1
10
100
VCE = 2 V
f = 2 GHz
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
Collector Current IC (mA)
16
14
12
10
8
6
4
2
0
1
10
100
VCE = 2 V
f = 2 GHz
VCE = 1 V
f = 2 GHz
16
14
12
10
8
6
4
2
0
1
10
100
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
VCE = 1 V
IC = 10 mA
35
25
30
20
15
10
5
0
0.1
1.0
10.0
Frequency f (GHz)
INSERTION POWER GAIN
vs. FREQUENCY
VCE = 2 V
IC = 20 mA
35
25
30
20
15
10
5
0
0.1
1.0
10.0
Frequency f (GHz)
INSERTION POWER GAIN
vs. FREQUENCY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com