Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 16Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
12
©2011 Apacer Technology Inc.
Rev. 1.5
Identify Device Information Default Value (3/9)
Word
Value
F/V
Description
53
0007h
F
F
F
X
15-3
Reserved
2
1 = the fields reported in word 88 are valid
0 = the fields reported in word 88 are not valid
1
1 = the fields reported in word 70:64 are valid
0 = the fields reported in word 70:64 are not valid
0
1 = the fields reported in word 58:54 are valid
0 = the fields reported in word 58:54 are not valid
54
XXXXh
X
Number of current cylinders
55
00XXh
X
Number of current heads
56
XXXXh
X
Number of current sector per track
57-58
XXXXh
X
Current capacity in sectors
59
0000h
F
V
V
15-9
Reserved
8
1 = Multiple sector setting is valid
7-0
xxh = Setting for number of sectors that shall be transferred per interrupt on R/W Multiple command
60-61
XXXXh
F
Total number of user addressable sectors
62
0000h
X
Obsolete
63
0007h
F
V
V
V
F
F
F
F
15-11
Reserved
10
1 = Multiword DMA mode 2 is selected
0 = Multiword DMA mode 2 is not selected
9
1 = Multiword DMA mode 1 is selected
0 = Multiword DMA mode 1 is not selected
8
1 = Multiword DMA mode 0 is selected
0 = Multiword DMA mode 0 is not selected
7-3
Reserved
2
1 = Multiword DMA mode 2 and below are supported
1
1 = Multiword DMA mode 1 and below are supported
0
1 = Multiword DMA mode 0 and below are supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com