Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 16Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 17Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 18Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 19Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 20Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
16
©2011 Apacer Technology Inc.
Rev. 1.5
Identify Device Information Default Value (7/9)
Word
Value
F/V
Description
86
5000h
F
F
F
F
F
F
F
F
Command set/feature enabled
15-9
Reserved
8
1 = SET MAX security extension enabled by SET MAX SET PASSWORD
7
See Address Offset Reserved Area Boot, INCITS TR27:2001
6
1 = SET FEATURES subcommand required to spin-up after power-up
5
1 = Power-Up In Standby feature set enabled
4
1 = Removable Media Status Notification feature set enabled
3-1
1 = Advanced Power Management feature set enabled
0
1 = DOWNLOAD MICROCODE command supported
87
4000h
F
F
F
F
F
Command set/feature default
15
Shall be cleared to zero
14
Shall be set to one
13-2
Reserved
1
1 = SMARAT self-test supported
0
1 = SMARAT error logging supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com