Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
6
©2011 Apacer Technology Inc.
Rev. 1.5
1.6
Pin Assignments
Table 1-3 describes the SAFD signal segment, and Table1-4, its power segment.
Table 1-3 Signal segment
Table 1-4 Power segment
Name
Type
Description
Pin
Signal/Description
S1
GND
P1
Not used (3.3V)
S2
RxP
P2
Not used (3.3V)
S3
RxN
Serial Data Receiver
P3
Not used (3.3V)
S4
GND
P4
Ground
S5
TxN
P5
Ground
S6
TxP
Serial Data Transmitter
P6
Ground
S7
GND
P7
5V Pre-Charge
P8
5V
P9
5V
P10
Ground
P11
Ground/Reserved*
P12
Ground
P13
Not used (12V Pre-Charge)
P14
Not used (12V)
P15
Not used (12V)
*Signal described as ground/reserved applies to 128GB extended temperature model exclusively, and described as ground, to all others
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com