Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 17Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 18Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 19Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 20Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 21Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 22Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 23Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 24Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
20
©2011 Apacer Technology Inc.
Rev. 1.5
2.1.16 Security Freeze Lock (F5h)
Causes the drive to enter Frozen mode. Once this command has been executed, the following commands to
update a lock result in the Aborted Command error:
SECURITY SET PASSWORD
SECURITY UNLOCK
SECURITY DISABLE PASSWORD
SECURITY ERASE PREPARE
SECURITY ERASE UNIT
The drive exits from Frozen mode upon a power-off or hard reset. If the SECURITY FREEZE LOCK command
is issued when the drive is placed in Frozen mode, the drive executes the command, staying the Frozen mode.
2.1.17 Security Set Password (F1h)
This command sets user password or master password. The host outputs sector data with PIO data-out
protocol to indicate the information defined in the following table.
2.1.18 Security Unlock (F2h)
This command disables LOCKED MODE of the device. This command transfers 512 byte of data from the
host with PIO data-out protocol. The following table defines the content of this information.
2.1.19 Seek (7xh)
This command is effectively a NOP command to the device although it does perform a range check.
2.1.20 Set Features (EFh)
This command set parameter to Features register and set drive’s operation. For transfer mode, parameter is
set to Sector Count register. This command is used by the host to establish or select certain features.
Features register Value and settable operating mode
Value
Function
02h
Enable write cache
03h
Set transfer mode based on value in Sector Count register.
55h
Disable read look-ahead feature
82h
Disable write cache
AAh
Enable read look-ahead feature
2.1.21 Set Multiple Mode (C6h)
This command enables the device to perform READ MULTIPLE and WRITE MULTIPLE operations and
establishes the block count for these commands.
2.1.22 Sleep (E6h)
This command causes the device to set BSY, enter the Sleep mode, clear BSY and generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com