Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA3012 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGA3012
Description  1 GHz 12 dB gain wideband amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA3012 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGA3012 Datasheet HTML 1Page - NXP Semiconductors BGA3012 Datasheet HTML 2Page - NXP Semiconductors BGA3012 Datasheet HTML 3Page - NXP Semiconductors BGA3012 Datasheet HTML 4Page - NXP Semiconductors BGA3012 Datasheet HTML 5Page - NXP Semiconductors BGA3012 Datasheet HTML 6Page - NXP Semiconductors BGA3012 Datasheet HTML 7Page - NXP Semiconductors BGA3012 Datasheet HTML 8Page - NXP Semiconductors BGA3012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BGA3012
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 September 2013
4 of 15
NXP Semiconductors
BGA3012
1 GHz 12 dB gain wideband amplifier MMIC
[1]
The fundamental frequencies (f1) and (f2) lay between 40 MHz and 1006 MHz. The intermodulation product
(IM3) is 2
 f
2  f1, where f2 =f1  6 MHz. Input power Pi = 20 dBm.
[2]
The fundamental frequencies (f1) and (f2) lay between 40 MHz and 1006 MHz. The intermodulation product
(IM2) is
f
2  f1, with 40 MHz < f1-f2 < 1006 MHz. Input power Pi = 20 dBm.
[3]
Measured with 132 NTSC channels VO = 30 dBmV.
Table 8.
Characteristics at VCC = 5 V
Bandwidth 40 MHz to 1006 MHz; Tamb = 25 C; typical values at VCC = 5 V; ZS =ZL =75 ;
R1 = 100
; R2 = 300 .
Symbol Parameter
Conditions
Min
Typ Max Unit
VCC
supply voltage
RF input AC coupled
4.75 5
5.25 V
ICC(tot)
total supply current
-
70
85
mA
s
21
2
insertion power gain
-
12
-
dB
SLsl
slope straight line
-
0.5
-
dB
FL
flatness of frequency response
-
0.5
-
dB
NF
noise figure
f = 50 MHz
-
2.9
-
dB
f = 500 MHz
-
2.9
-
dB
f = 1000 MHz
-
3.2
-
dB
RLin
input return loss
f = 50 MHz
-
22
-
dB
f = 500 MHz
-
25
-
dB
f = 1000 MHz
-
25
-
dB
RLout
output return loss
f = 50 MHz
-
22
-
dB
f = 500 MHz
-
22
-
dB
f = 1000 MHz
-
12
-
dB
PL(1dB)
output power at 1 dB
gain compression
-18
-dBm
IP3O
output third-order intercept point
[1] -36
-dBm
IP2O
output second-order intercept point
[2] -54
-dBm
CTB
composite triple beat
[3] -
70 -
dBc
CSO
composite second-order distortion
[3] -
54 -
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com