Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA3012 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGA3012
Description  1 GHz 12 dB gain wideband amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA3012 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGA3012 Datasheet HTML 1Page - NXP Semiconductors BGA3012 Datasheet HTML 2Page - NXP Semiconductors BGA3012 Datasheet HTML 3Page - NXP Semiconductors BGA3012 Datasheet HTML 4Page - NXP Semiconductors BGA3012 Datasheet HTML 5Page - NXP Semiconductors BGA3012 Datasheet HTML 6Page - NXP Semiconductors BGA3012 Datasheet HTML 7Page - NXP Semiconductors BGA3012 Datasheet HTML 8Page - NXP Semiconductors BGA3012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BGA3012
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 September 2013
2 of 15
NXP Semiconductors
BGA3012
1 GHz 12 dB gain wideband amplifier MMIC
2.
Pinning information
[1]
This pin is DC-coupled and requires an external DC-blocking capacitor.
[2]
The center metal base of the SOT89 also functions as heatsink for the power amplifier.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
RF_OUT and biasing
[1]
2GND
[2]
3RF_IN
[1]
321
sym130
2
1
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BGA3012
-
plastic surface-mounted package; exposed die pad
for good heat transfer; 3 leads
SOT89
OM7858
EVB
1 GHz 12 dB gain wideband amplifier application
-
OM7862
EVB
5 MHz to 300 MHz 12 dB reverse amplifier application -
OM7866
EVB
40 MHz to 1006 MHz push-pull amplifier application
-
Table 4.
Marking codes
Type number
Marking code
Description
BGA3012
*6W
* = W : made in China
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
RF input AC coupled
0.6 +15
V
Pi
input power
single tone
-
20
dBm
Tstg
storage temperature
65 +150 C
Tj
junction temperature
-
150
C
Tamb
ambient temperature
40 +85
C
VESD
electrostatic discharge
voltage
Human Body Model (HBM);
According JEDEC standard 22-A114E
2-
kV
Charged Device Model (CDM);
According JEDEC standard 22-C101B
2-
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com