Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA3012 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BGA3012
Description  1 GHz 12 dB gain wideband amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA3012 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BGA3012 Datasheet HTML 6Page - NXP Semiconductors BGA3012 Datasheet HTML 7Page - NXP Semiconductors BGA3012 Datasheet HTML 8Page - NXP Semiconductors BGA3012 Datasheet HTML 9Page - NXP Semiconductors BGA3012 Datasheet HTML 10Page - NXP Semiconductors BGA3012 Datasheet HTML 11Page - NXP Semiconductors BGA3012 Datasheet HTML 12Page - NXP Semiconductors BGA3012 Datasheet HTML 13Page - NXP Semiconductors BGA3012 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BGA3012
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 September 2013
10 of 15
NXP Semiconductors
BGA3012
1 GHz 12 dB gain wideband amplifier MMIC
8.2.2 Return application circuit board layout
PCB (Printed-Circuit Board) material = FR4; thickness = 1.5 mm; size = 40 mm
 40 mm; 
r = 4.6; thickness of copper
layer = 35
m;
Components are listed in Table 11.
Fig 4.
BGA3012 application circuit board layout
Table 12.
List of components
See Figure 1 and Figure 2.
Component
Description
Value
Size
Remarks
C1, C2, C3, C4
capacitor
10 nF
SMD 0402
Murata GRM155R71E103KA01D or capacitor of same quality
C5
capacitor
100 pF
SMD 0402
Murata GRM1555C1H101JZ01D or capacitor of same quality
J1, J2
F-connector
75
-
Bomar 861V509ER6 or F-connector of same quality
J3
header 3-way
-
-
Molex 90121-0763 or header of the same quality
L2
inductor
22
H
SMD 1206
Murata LQH31CN220K03L or inductor of same quality
R1
resistor
100
SMD 0402
Yageo RC0402FR-07100RL or resistor of same quality
R2
resistor
300
SMD 0402
Yageo RC0402FR-07300RL or resistor of same quality
U1
BGA3012
-
-
NXP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com