Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0181 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0181
Description  GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0181 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0181 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0181 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0181 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT 2.5 V High Power Switch
DC - 3.0 GHz
Rev. V2
MASWSS0181
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Voltage Operation: 2.5 V
• Harmonics: <-67 dBc at +34 dBm & 1 GHz
• Low Insertion Loss: 0.40 dB at 1 GHz
• High Isolation: 20 dB at 2 GHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free SOT-26 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0006
Description
M/A-COM’s MASWSS0181 is a GaAs PHEMT
MMIC single pole two throw (SPDT) high power
switch in a lead-free SOT-26 package.
The
MASWSS0181 is ideally suited for applications
where high power, low control voltage, low insertion
loss, high isolation, small size and low cost are
required.
Typical applications are for GSM and DCS handset
systems that connect separate transmit and receive
functions to a common antenna, as well as other
related handset and general purpose applications.
This part can be used in all systems operating up to
3 GHz requiring high power at low control voltage.
The MASWSS0181 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Ordering Information
1
Part Number
Package
MASWSS0181
Bulk Packaging
MASWSS0181TR
1000 piece reel
MASWSS0181TR-3000
3000 piece reel
MASWSS0181SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Pin No.
Pin Name
Description
1
RF1
RF Port 1
2
GND
RF Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Common Port
6
V1
Control 1
Pin Configuration
Functional Schematic
PIN 1
39 pF
39 pF
39 pF
RFC
V1
PIN 6
RF1
GND
V2
RF2
100pF
100pF
100pF
Parameter
Absolute Maximum
Input Power
(0.5 - 3 GHz, 2.5 V Control)
+38 dBm
Voltage
± 8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0181

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
661Kb / 4P
GaAs SPDT 2.5 V High Power Switch
logo
Tyco Electronics
MASWSS0181SMB MACOM-MASWSS0181SMB Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181SMB MA-COM-MASWSS0181SMB Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0181

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS341 HW-HWS341 Datasheet
94Kb / 2P
GaAs DC-2.5 GHz SPDT High Power Switch
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com