Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0201 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201
Description  GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0201 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0201 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
DC - 2.5 GHz
Rev. V1
MASWSS0201
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 75 Ω, VC = 0 V/3 V, PIN = 0 dBm
5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss RFC to RF1
(VC = 0V)
100 MHz
1.0 GHz
2.0 GHz
dB
dB
dB
0.9
1.0
1.3
1.75
1.85
Isolation
100 MHz
1.0 GHz
2.0 GHz (RFC - RF1)
2.0 GHz (RFC - RF2)
dB
dB
dB
dB
60
40
65
45
38
43
Return Loss
DC - 2.0 GHz
dB
25
IIP2
(VC = 0V / 3V / 5V)
Two Tone, +5 dBm/Tone, 10 MHz Spacing
100 MHz
1.0 GHz
dBm
dBm
54 / 51 / 53
72 / 70 / 70
IIP3
(VC = 0V / 3V / 5V)
Two Tone, +5 dBm/Tone, 10 MHz Spacing
100 MHz
1.0 GHz
dBm
dBm
38 / 38 / 39
41 / 44 / 44
Input P1dB
(VC = 0V / 3V / 5V)
100 MHz
1.0 GHz
dBm
dBm
21 / 21 / 22
29 / 28 / 29
T-rise
T-fall
10% to 90% RF
90% to 10% RF
µS
nS
1.4
12
Ton
Toff
50% control to 90% RF
50% control to 10% RF
µS
nS
1.6
12
Transients
mV
550
Control Current
VC = 3V
µA
250
500
Insertion Loss RFC to RF2
(VC = 3V)
100 MHz
1.0 GHz
2.0 GHz
dB
dB
dB
1.0
1.2
1.5
1.65
1.85
Absolute Maximum Ratings
6,7
Parameter
Absolute Maximum
Input Power @ 100 MHz
+22 dBm
Input Power @ 1 GHz
+29 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
5. Electrical specifications apply to terminated configuration only.
Control VC
RFC-RF1
RFC-RF2
0
On
Off
1
Off
On
Truth Table
8,9,10
8. External DC blocking capacitors are required on all RF ports.
9. 0 = 0 ± 0.1 V, 1 = +2.9 V to +5 V.
10. The unpowered on state is the same as VC=0.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com