Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0201 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201
Description  GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0201 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0201 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
DC - 2.5 GHz
Rev. V1
MASWSS0201
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves: TA = 25°C, Z0 = 75 Ω, Components per Application Schematic
Insertion Loss
Isolation (Below 200 MHz)
Isolation (Above 200 MHz)
RFC Return Loss
RF1 Return Loss
RF2 Return Loss
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RFC to RF1 (Vc=0V)
RFC to RF2 (Vc=3V)
Frequency (GHz)
-90
-80
-70
-60
-50
-40
25
50
75
100
125
150
175
200
225
250
RFC to RF1 (Vc=3V)
RFC to RF2 (Vc=0V)
Frequency (MHz)
-70
-60
-50
-40
-30
-20
RFC to RF1 (Vc=3V)
RFC to RF2 (Vc=0V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RFC to RF1 (Vc=0V)
RFC to RF2 (Vc=3V)
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RF1 to RFC (Vc=0V)
RF1 Terminated (Vc=3V)
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RF2 to RFC (Vc=3V)
RF2 Terminated (Vc=0V)
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com