Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0201 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201
Description  GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0201 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0201 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
DC - 2.5 GHz
Rev. V1
MASWSS0201
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Ideal for CATV, DTV, DVR, STB Applications
• Default-On in Unpowered State (RFC-RF1 Path)
• Broadband Performance: DC-2.5 GHz
• Low Insertion Loss: 1.1 dB at 1 GHz
• High Isolation: > 60dB @ 100MHz
• Single Control Operation
• Power Handling: > 20 dBm P1dB
• Lead-Free 3 mm 12-lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
• Configurable for Non-terminated Operation
Description
M/A-COM’s MASWSS0201 is a broadband GaAs
PHEMT MMIC SPDT terminated switch in a low
cost, lead-free 3 mm 12-lead PQFN package. The
MASWSS0201 is ideally suited for applications
where an unpowered on state is critical in a single
control
line
SPDT
terminated
switch.
The
unpowered condition is the same as the VC = 0
condition.
This part can also be configured as a
reflective switch with minimal impact to the RF
performance.
The MASWSS0201 delivers high isolation, low
insertion loss and high linearity up to 2.5 GHz.
The MASWSS0201 is fabricated using a 0.5 micron
gate length GaAs E/D PHEMT process.
The
process features full passivation for performance
and reliability.
Ordering Information
1
Part Number
Package
MASWSS0201TR-3000
3000 piece reel
MASWSS0201SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Pin No.
Pin Name
Description
1
N/C
No Connection
2
RF1
RF Port 1
3
Term 1 GND
3
Termination 1 Ground
4
GND
Ground
5
N/C
No Connection
6
GND
Ground
7
Term 2 GND
3
Termination 2 Ground
8
RF2
RF Port 2
9
VC
Control
10
GND
Ground
11
RFC
RF Input
12
GND
Ground
13
Paddle
4
RF and DC Ground
Pin Configuration
2
2. M/A-COM recommends that all unused (N/C) pins be
connected to ground. All data on this datasheet was taken
with N/C pins connected to ground.
3. Terminated grounds require DC blocking capacitors; see
application schematic.
4. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Functional Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0201 MACOM-MASWSS0201 Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0201 MA-COM-MASWSS0201 Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0201SMB MACOM-MASWSS0201SMB Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0201SMB MA-COM-MASWSS0201SMB Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
MASWSS0201SMB MA-COM-MASWSS0201SMB Datasheet
674Kb / 7P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
More results

Similar Description - MASWSS0201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0201 MACOM-MASWSS0201 Datasheet
169Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0201 MA-COM-MASWSS0201 Datasheet
139Kb / 6P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch DC - 2.5 GHz
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
MASW-007935 MA-COM-MASW-007935_15 Datasheet
651Kb / 5P
GaAs SPDT Terminated Switch
MASWSS0180 MA-COM-MASWSS0180_15 Datasheet
578Kb / 4P
GaAs SPDT Terminated Switch
MASWSS0201 MA-COM-MASWSS0201_15 Datasheet
674Kb / 7P
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com