Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0201 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201
Description  GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0201 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0201 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0201 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
DC - 2.5 GHz
Rev. V1
MASWSS0201
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead-Free 3 mm 12-lead PQFN
C1-C5=10000 pf
C6=100 pf
Application Schematic
11,12
11. Non-connected pins (P1 and P5) are shown connected to
ground as recommended. All data on this datasheet was
taken with N/C pins connected to ground.
12. Application
schematic
shown
is
for
terminated
configuration.
For non-terminated operation Term 1 and
Term 2 ground pins are left open. See application section
for data in unterminated configuration.
Qualification
Qualified
to
M/A-COM
specification
REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
M/A-COM’s AN3007 Application Note outlines a
method for ESD sensitivity mitigation. It can be
found
at
the
Tech/Apps
section
of
the
MACOM.COM website.
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com