Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL2227CS Datasheet HTML 1Page - Elantec Semiconductor EL2227CS Datasheet HTML 2Page - Elantec Semiconductor EL2227CS Datasheet HTML 3Page - Elantec Semiconductor EL2227CS Datasheet HTML 4Page - Elantec Semiconductor EL2227CS Datasheet HTML 5Page - Elantec Semiconductor EL2227CS Datasheet HTML 6Page - Elantec Semiconductor EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
EL2227C
Dual Very Low Noise Amplifier
Typical Performance Curves
Non-inverting Frequency Response for Various RF
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
Frequency (Hz)
200M
VS=±12V
AV=+2
RL=500Ω
RF=620Ω
RF=350Ω
RF=100Ω
RF=1kΩ
Inverting Frequency Response for Various RF
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
Frequency (Hz)
200M
VS=±12V
AV=-1
RL=500Ω
Inverting Frequency Response (Gain)
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
Frequency (Hz)
200M
VS=±12V
RF=420Ω
RL=500Ω
Non-inverting Frequency Response (Gain)
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
Frequency (Hz)
200M
Inverting Frequency Response (Phase)
135
90
45
0
-45
-90
-135
-180
-225
-270
-315
1M
10M
100M
Frequency (Hz)
200M
VS=±12V
RF=420Ω
RL=500Ω
RF=420Ω
RF=350Ω
RF=100Ω
RF=1kΩ
RF=620Ω
VS=±12V
RF=350Ω
RL=500Ω
AV=2
AV=5
AV=10
AV=-10
AV=-5
AV=-2
AV=-1
AV=-10
AV=-5
AV=-2
AV=-1
Non-inverting Frequency Response (Phase)
135
90
45
0
-45
-90
-135
-180
-225
-270
-315
1M
10M
Frequency (Hz)
100M 200M
VS=±12
RF=350Ω
RL=500Ω
AV=10
AV=2
AV=5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com