Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2227CS Datasheet HTML 1Page - Elantec Semiconductor EL2227CS Datasheet HTML 2Page - Elantec Semiconductor EL2227CS Datasheet HTML 3Page - Elantec Semiconductor EL2227CS Datasheet HTML 4Page - Elantec Semiconductor EL2227CS Datasheet HTML 5Page - Elantec Semiconductor EL2227CS Datasheet HTML 6Page - Elantec Semiconductor EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
EL2227C
Dual Very Low Noise Amplifier
Absolute Maximum Ratings (T
A = 25°C)
Values beyond absolute maximum ratings can cause the device to be pre-
maturely damaged. Absolute maximum ratings are stress ratings only
and functional device operation is not implied
Supply Voltage between VS+ and VS-
28V
Input Voltage
VS- - 0.3V, VS +0.3V
Maximum Continuous Output Current
40mA
Maximum Die Temperature
150°C
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
Power Dissipation
See Curves
ESD Voltage
2kV
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Characteristics
VS+ = +12V, VS - = -12V, RL = 500Ω and CL = 3pF to 0V, RF = RG = 620Ω, and TA = 25°C unless otherwise specified.
Parameter
Description
Condition
Min
Typ
Max
Unit
Input Characteristics
VOS
Input Offset Voltage
VCM = 0V
-0.2
3
mV
TCVOS
Average Offset Voltage Drift
[1]
-0.6
µV/°C
IB
Input Bias Current
VCM = 0V
-9
-3.4
µA
RIN
Input Impedance
7.3
M
Ω
CIN
Input Capacitance
1.6
pF
CMIR
Common-Mode Input Range
-11.8
+10.4
V
CMRR
Common-Mode Rejection Ratio
for VIN from -11.8V to 10.4V
60
94
dB
AVOL
Open-Loop Gain
-5V
≤ VOUT ≤ 5V
70
87
dB
en
Voltage Noise
f = 100kHz
1.9
nV/
√Hz
in
Current Noise
f = 100kHz
1.2
pA/
√Hz
Output Characteristics
VOL
Output Swing Low
RL = 500Ω
-10.4
-10
V
RL = 250Ω
-9.8
-9
V
VOH
Output Swing High
RL = 500Ω
10
10.4
V
RL = 250Ω
9.5
10
V
ISC
Short Circuit Current
RL = 10Ω
140
180
mA
Power Supply Performance
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±12V
65
95
dB
IS
Supply Current (Per Amplifier)
No Load
4.8
6.5
mA
VS
Operating Range
±2.5
±12
V
Dynamic Performance
SR
Slew Rate
[2]
±2.5V square wave, measured 25%-75%
40
50
V/µS
tS
Settling to 0.1% (AV = +2)
(AV = +2), VO = ±1V
65
ns
BW
-3dB Bandwidth
RF = 358Ω
115
MHz
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, RF = 358Ω
93
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, RF = 358Ω
83
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω, RF = 358Ω
94
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω, RF = 358Ω
76
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com