Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2227CS Datasheet HTML 4Page - Elantec Semiconductor EL2227CS Datasheet HTML 5Page - Elantec Semiconductor EL2227CS Datasheet HTML 6Page - Elantec Semiconductor EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor EL2227CS Datasheet HTML 10Page - Elantec Semiconductor EL2227CS Datasheet HTML 11Page - Elantec Semiconductor EL2227CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
EL2227C
Dual Very Low Noise Amplifier
Typical Performance Curves
Voltage and Current Noise vs Frequency
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing for VS=±12V
-40
-50
-60
-70
-80
-90
-100
0
8
Output Swing (VPP)
16
20
4
10
9
6
5
4
3
2
1
10
1k
Frequency (Hz)
10k
100k
100
12
2nd H
3rd H
8
7
IN
EN
Channel to Channel Isolation vs Frequency
0
-20
-40
-60
-80
-100
100k
1M
Frequency (Hz)
100M
10M
A
→ B
B
→ A
AV=2
RF=620Ω
RL=500Ω
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing for VS=±2.5V
-50
-60
-70
-80
-90
-100
0
1.5
Output Swing (VPP)
2.5
0.5
2
1
2nd H
3rd H
AV=2
RF=358Ω
RL=500Ω
Total Harmonic Distortion vs Frequency @ 2VPP
VS=±12V
-60
-70
-90
-100
-110
-120
1
Frequency (kHz)
Total Harmonic Distortion vs Frequency @ 2VPP
VS=±2.5V
Frequency (kHz)
1000
10
100
-80
RL=500
RL=50
-60
-70
-90
-100
-110
-120
1
1000
10
100
-80
RL=500
RL=50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com