Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CS Datasheet(PDF) 13 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 13 Page - Elantec Semiconductor

Back Button EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor EL2227CS Datasheet HTML 10Page - Elantec Semiconductor EL2227CS Datasheet HTML 11Page - Elantec Semiconductor EL2227CS Datasheet HTML 12Page - Elantec Semiconductor EL2227CS Datasheet HTML 13Page - Elantec Semiconductor EL2227CS Datasheet HTML 14Page - Elantec Semiconductor EL2227CS Datasheet HTML 15Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
EL2227C
Dual Very Low Noise Amplifier
Disable Function
The EL2227C is in the standard dual amplifier package
without the enable/disable function. A simple way to
implement the enable/disable function is depicted
below. When disabled, both the positive and negative
supply voltages are disconnected (see Figure 2 below.)
Power Dissipation
With the wide power supply range and large output drive
capability of the EL2227C, it is possible to exceed the
150°C maximum junction temperatures under certain
load and power-supply conditions. It is therefore impor-
tant to calculate the maximum junction temperature
(TJMAX) for all applications to determine if power sup-
ply voltages, load conditions, or package type need to be
modified for the EL2227C to remain in the safe operat-
ing area. These parameters are related as follows:
where:
PDMAXTOTAL is the sum of the maximum power dissi-
pation of each amplifier in the package (PDMAX)
PDMAX for each amplifier can be calculated as follows:
where:
TMAX =Maximum Ambient Temperature
θJA =Thermal Resistance of the Package
PDMAX =Maximum Power Dissipation of 1 Amplifier
VS =Supply Voltage
IMAX =Maximum Supply Current of 1 Amplifier
VOUTMAX=Maximum Output Voltage Swing of the
Application
RL =Load Resistance
To serve as a guide for the user, we can calculate maxi-
mum allowable supply voltages for the example of the
video cable-driver below since we know that TJMAX =
150°C, TMAX = 75°C, ISMAX = 9.5mA, and the package
θJAs are shown in Table 1. If we assume (for this exam-
ple) that we are driving a back-terminated video cable,
then the maximum average value (over duty-cycle) of
VOUTMAX is 1.4V, and RL = 150Ω, giving the results
seen in Table 1.
Single-Supply Operation
The EL2227C have been designed to have a wide input
and output voltage range. This design also makes the
EL2227C an excellent choice for single-supply opera-
tion. Using a single positive supply, the lower input
voltage range is within 200mV of ground (RL = 500Ω),
and the lower output voltage range is within 875mV of
ground. Upper input voltage range reaches 3.6V, and
output voltage range reaches 3.8V with a 5V supply and
RL = 500Ω. This results in a 2.625V output swing on a
single 5V supply. This wide output voltage range also
allows single-supply operation with a supply voltage as
high as 28V.
Gain-Bandwidth Product and the -3dB
Bandwidth
The EL2227C have a gain-bandwidth product of
137MHz while using only 5mA of supply current per
amplifier. For gains greater than 2, their closed-loop ----
-3dB bandwidth is approximately equal to the gain-
-
+
1µF
4.7µF
1µF
+12V
1k
10k
10k
75k
1k
1k
T
JMAX
T
MAX
θ
JA
PD
MAXTOTAL
×
()
+
=
PD
MAX
2V
S
I
SMAX
V
S
(
V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
–
+
×
×
=
Table 1
Part
Package
θJA
Max PDISS @
TMAX
Max VS
EL2227CS
SO8
160°C/W
0.406W @ 85°C
EL2227CY
MSOP8
206°C/W
0.315W @ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com