Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813T-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC75813T-E
Description  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75813T-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC75813T-E Datasheet HTML 3Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 4Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 5Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 6Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 7Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 8Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 9Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 10Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Note: DD···Direction data.
• CCB address......40H
• D1 to D261........Display data
• P0 to P3 .............Segment output port/general-purpose output port switching control data
• DR .....................1/2 bias drive or 1/3 bias drive switching control data
• DT .....................1/3 duty drive or 1/4 duty drive switching control data
• FC......................Common and segment output waveforms frame frequency setting control data
• SC......................Segments on/off control data
• BU .....................Normal mode/power-saving mode control data
y When CL is stopped at the high level
No. 7159-7/26
LC75813E, 75813T
D2
D1
0
0
0
0
0
D83 D84 D85 D86 D87
DI
CL
CE
1
0
0
P0
P1
P2
P3
DR
DT
FC
SC
BU
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
D89
D88
D170 D171 D172 D173 D174
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
D176
D175
D257 D258 D259 D260 D261
1
0
0
0
CCB address
8 bits
Display data
87 bits
Control data
15 bits
DD
2 bits
CCB address
8 bits
Display data
87 bits
Fixed data
15 bits
DD
2 bits
CCB address
8 bits
Display data
87 bits
Fixed data
15 bits
DD
2 bits
B1
B0
B3
B2
A0
A1
A3
A2
B1
B0
B3
B2
A0
A1
A3
A2
B1
B0
B3
B2
A0
A1
A3
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com